Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 32Page - Analog Devices ADE7913 Datasheet HTML 33Page - Analog Devices ADE7913 Datasheet HTML 34Page - Analog Devices ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices ADE7913 Datasheet HTML 38Page - Analog Devices ADE7913 Datasheet HTML 39Page - Analog Devices ADE7913 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 36 of 44
Power-Up Procedure for Systems with Multiple Devices
That Use Clock Generated from Microcontroller
For polyphase energy meters in which the microcontroller
generates the clock signal used by all ADE7912/ADE7913
devices (see Figure 36), the power-up procedure is as follows:
1. Supply VDD to the ADE7912/ADE7913 devices. To ensure
that the ADE7912/ADE7913 devices start functioning
correctly, the supply must reach 3.3 V − 10% in less than
23 ms from approximately a 2.6 V level.
2. Generate the clock signal from the microcontroller to all
ADE7912/ADE7913 devices.
3. The dc-to-dc converters power up and supply the isolated
side of the ADE7912/ADE7913 devices. The Σ-Δ
modulators become functional. This process takes
approximately 100 ms to execute when the recommended
capacitors on the VDDISO, LDO, and REF pins described in
Table 9 are used. After this time, the isolated sides of the
ADE7912/ADE7913 devices are fully functional.
4. Read the STATUS0 registers of the ADE7912/ADE7913
devices until Bit 0 (RESET_ON) is cleared to 0, indicating
that the nonisolated side of the ADE7912/ADE7913 devices
is fully functional with default settings. This happens
approximately 20 ms after the clock signal is provided.
5. Initialize the CONFIG register of the ADE7912/ADE7913
devices with Bit 0 (CLKOUT_EN) cleared to 0 to avoid
generating an unnecessary clock at the CLKOUT/DREADY
pin. Select one ADE7912/ADE7913 device (Phase C
ADE7912/ADE7913 in Figure 36, for example) and
connect its CLKOUT/DREADY pin to an external
interrupt I/O pin of the microcontroller.
6. Initialize EMI_CTRL, the emissions control register, of all
ADE7912/ADE7913 devices.
7. Execute a SYNC_SNAP = 0x01 write broadcast to
synchronize all the ADE7912/ADE7913 devices of the
meter (see the Synchronizing Multiple ADE7912/ADE7913
Devices sections for details).
8. Execute a lock = 0xCA write broadcast to protect the
configuration registers of all ADE7912/ADE7913 devices.
See the Protecting the Integrity of Configuration Registers
section.
9. Every couple of seconds, disable the registers protection,
execute a SYNC_SNAP = 0x02 write broadcast to read the
COUNTER1 and COUNTER0 registers of every
ADE7912/ADE7913, and verify if resynchronization is
necessary. Resynchronize the ADE7912/ADE7913 devices
that are out of synchronization (see the Synchronizing
Multiple ADE7912/ADE7913 Devices section) and then
reenable protection of the configuration registers.
HARDWARE RESET
The ADE7912/ADE7913 do not have a dedicated reset pin.
Instead, while the SCLK pin is receiving the serial clock, the CS
and MOSI pins can be kept low by executing a SPI broadcast
write operation in which the lines are kept low for 64 SCLK
cycles. This is equivalent to sending eight bytes equal to 0x00 to
the ADE7912/ADE7913 to accomplish a hardware reset.
During a hardware reset, all the registers are set to their default
values and the dc-to-dc converter is shut down. This procedure
can be done simultaneously for all ADE7912/ADE7913 devices
in a polyphase energy meter. At the end of the reset period, the
ADE7912/ADE7913 clears Bit 0 (RESET_ON) to 0 in the
STATUS0 register. At this point, one of the procedures
described in the Power-Up and Initialization Procedures
section must be followed to initialize the ADE7912/ADE7913
devices correctly.
SOFTWARE RESET
Bit 6 (SWRST) in the CONFIG register manages the software
reset functionality. The default value of this bit is 0. If this bit is
set to 1, the ADE7912/ADE7913 enter the software reset state.
In this state, all the internal registers are reset to their default
values. The dc-to-dc converter continues to function. When the
software reset ends, Bit 6 (SWRST) in the CONFIG register
clears automatically to 0 and Bit 0 (RESET_ON) in the STATUS0
register is cleared to 0. If the configuration registers are
protected using a lock = 0xCA register write, first unlock the
registers by writing lock = 0x9C and then write to the CONFIG
register by setting Bit 6 (SWRST) to 1 to start a software reset.
At this point, one of the procedures described in the Power-Up
and Initialization Procedures section must be followed to
initialize the ADE7912/ADE7913 correctly.
POWER-DOWN MODE
There are situations in which the ADCs of the ADE7912/
ADE7913 do not need to function and it is desirable to lower
the current consumption of the device. When set to 1, Bit 2
(PWRDWN_EN) in the CONFIG register turns off the dc-to-
dc converter and shuts down the Σ-Δ modulators. Although the
ADE7912/ADE7913 configuration registers maintain their
values, the IWV, V1WV, and V2WV ADC output registers are
in an undefined state. If PWRDWN_EN is cleared to 0, the
default value, the dc-to-dc converter is functional and the Σ-Δ
modulators are active.
If the microcontroller generates the clock to all ADE7912/
ADE7913 devices (the configuration shown in Figure 36), the
current consumption can be further reduced by shutting down
the clock. The ADE7912/ADE7913 stop functioning. When the
clock is restarted, as a good programming practice, execute a
hardware reset to restart the ADE7912/ADE7913.
In systems in which the CLKOUT/DREADY pin of one ADE7912/
ADE7913 device is used to clock other ADE7912/ADE7913
devices (the configuration shown in Figure 35, Figure 37, and
Figure 38), lower current consumption of the ADE7912/ADE7913
devices can be achieved by clearing Bit 0 (CLKOUT_EN) to 0 in
the CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com