Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices ADE7913 Datasheet HTML 38Page - Analog Devices ADE7913 Datasheet HTML 39Page - Analog Devices ADE7913 Datasheet HTML 40Page - Analog Devices ADE7913 Datasheet HTML 41Page - Analog Devices ADE7913 Datasheet HTML 42Page - Analog Devices ADE7913 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 39 of 44
Figure 58. 4-Layer Circuit Board: Bottom Layer
Figure 59. Stitching Capacitors Created by 4-Layer PCB
If a 4-layer PCB is used, additional stitching capacitors can be
created. On the top layer, all components placed on the isolated
secondary side are surrounded by a ground plane connected to
GNDISO, Pin 10 (see Figure 57). Layer 2 (see Figure 60)
replicates the bottom layer of the 2-layer circuit board
approach, extending the ground of the primary side below the
ADE7912/ADE7913 and the related circuitry. Layer 3 (see
Figure 61) replicates the ground plane of the top layer. The
bottom layer does not have the ground of the primary side
below the ADE7912/ADE7913 and the related circuitry as in
the 2-layer circuit board approach because the corresponding
stitching capacitor created with Layer 3 does not have any effect
in reducing the emissions.
The structure of the stitching capacitors created by a 4-layer
PCB is shown in Figure 59. The isolated ground plane of the top
layer creates the 10 pF capacitor (C12) with the primary side
ground plane placed on Layer 2. In a similar manner, the 400 pF
(C23) capacitor is created between Layer 2 and Layer 3.
These capacitances have an important role in reducing the
emissions generated by the ADE7912/ADE7913 dc-to-dc
converter.
ADE7913 EVALUATION BOARD
An evaluation board built upon the ADE7913 allows users
to quickly evaluate this IC. It is used in conjunction with
the system demonstration platform (EVAL-SDP-CB1Z).
Order both the ADE7913 evaluation board and the system
demonstration platform to evaluate the ADE7913. Visit
www.analog.com/ADE7913 for details.
ADE7912/ADE7913 VERSION
Bits[2:0] (version) in the STATUS1 register identify the version
of the ADE7912/ADE7913.
ADE7912/ADE7913
PRIMARY SIDE GROUND
PLANE ON TOP LAYER
ISOLATED SIDE GROUND
PLANE ON TOP LAYER
PRIMARY SIDE GROUND
PLANE ON LAYER 2
ISOLATED SIDE GROUND
PLANE ON LAYER 3
PRIMARY SIDE GROUND
PLANE ON BOTTOM LAYER
C12
C23
28mils = 0.7112mm
28mils = 0.7112mm
4mils = 0.1016mm
8mm
1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com