Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 11Page - Analog Devices ADE7913 Datasheet HTML 12Page - Analog Devices ADE7913 Datasheet HTML 13Page - Analog Devices ADE7913 Datasheet HTML 14Page - Analog Devices ADE7913 Datasheet HTML 15Page - Analog Devices ADE7913 Datasheet HTML 16Page - Analog Devices ADE7913 Datasheet HTML 17Page - Analog Devices ADE7913 Datasheet HTML 18Page - Analog Devices ADE7913 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 15 of 44
TEST CIRCUIT
Figure 20. Test Circuit
ADE7912C/
ADE7913C
CLKOUT/DREADY
19
MISO
15
MOSI
16
SCLK
17
XTAL1
13
XTAL2
14
12
GND
11
20
TS4148
TS4148
TS4148
TS4148
TS4148
150Ω
FERRITE
150Ω
FERRITE
150Ω
FERRITE
150Ω
FERRITE
150Ω
FERRITE
IP
IM
33nF
33nF
33nF
100nF
4.7µF
100nF
4.7µF
V1P
VM
V2P
7
6
4
5
3
GNDISO
VDDISO
2
1
GNDISO
LDO
10
8
9
REF
GND
VDD
SAME AS IN
ADE7912C/
ADE7913C
SAME AS IN
ADE7912C/
ADE7913C
TP4
TP5
22pF
22pF
4.096MHz
10µF
TO MCU
100nF
330kΩ
330kΩ 330kΩ
330kΩ 330kΩ 330kΩ
1kΩ
1kΩ
1kΩ
33nF
1kΩ
33nF
1kΩ
10µF
100nF
3.3V
TP3
TP1
TP2
CS
18
TO MCU
TO MCU
TO MCU
TO MCU
TO MCU
TO MCU
18
19
ADE7912B/
ADE7913B
XTAL1
MISO
VDD
15
13
XTAL2
14
17
16
12
GND
GND
11
20
SAME AS IN
ADE7912C/
ADE7913C
VDDISO
GNDISO
V2P
V1P
VM
IM
IP
LDO
REF
GNDISO
1
2
3
4
5
6
7
8
9
10
MOSI
SCLK
CLKOUT/DREADY
CS
18
19
ADE7912A/
ADE7913A
XTAL1
MISO
VDD
15
13
XTAL2
14
17
16
12
GND
GND
11
20
SAME AS IN
ADE7912C/
ADE7913C
VDDISO
GNDISO
V2P
V1P
VM
IM
IP
LDO
REF
GNDISO
1
2
3
4
5
6
7
8
9
10
MOSI
SCLK
CLKOUT/DREADY
CS
NOTES
1. ADE7912X/ADE7913X = PHASE X ADE7912/ADE7913, WHERE X = A, B, OR C.
3.3V
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com