Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 23Page - Analog Devices ADE7913 Datasheet HTML 24Page - Analog Devices ADE7913 Datasheet HTML 25Page - Analog Devices ADE7913 Datasheet HTML 26Page - Analog Devices ADE7913 Datasheet HTML 27Page - Analog Devices ADE7913 Datasheet HTML 28Page - Analog Devices ADE7913 Datasheet HTML 29Page - Analog Devices ADE7913 Datasheet HTML 30Page - Analog Devices ADE7913 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 27 of 44
SPI Read Operation
The read operation using the ADE7912/ADE7913 SPI interface
is initiated when the master sets the CS pin low and begins
sending one command byte on the MOSI line. The master
places data on the MOSI line starting with the first high to low
transition of SCLK.
The bit composition of the command byte is shown in Table 11.
Bits[1:0] are don’t care bits, and they can have any value. The
examples presented throughout this section show them set to
00. Bit 2 (READ_EN) determines the type of the operation. For
a read, READ_EN must be set to 1. For a write, READ_EN
must be cleared to 0. Bits[7:3] (ADDR) represent the address of
the register to be read or written.
The ADE7912/ADE7913 SPI samples data on the low to high
transitions of SCLK. After the ADE7912/ADE7913 device
receives the last bit of the command byte on a low to high
transition of SCLK, it begins to transmit its contents on the
MISO line when the next SCLK high to low transition occurs;
thus, the master can sample the data on a low to high SCLK
transition. After the master receives the last bit, it sets the CS
and SCLK lines high and the communication ends. The data
lines, MOSI and MISO, go into a high impedance state. Figure 41
shows an 8-bit register read operation; 16-bit and 32-bit
registers are read in the same manner.
Table 11. Command Byte for SPI Read/Write Operations
Bit Location
Bit Name
Description
1:0
Reserved
These bits can have any value.
2
READ_EN
Set this bit to 1 if a SPI read
operation is executed.
Clear this bit to 0 if a SPI write
operation is executed.
7:3
ADDR
Address of the register to be read
or written.
SPI Read Operation in Burst Mode
All ADE7912/ADE7913 output registers (IWV, V1WV, V2WV,
ADC_CRC, STATUS0, and CNT_SNAPSHOT) can be read in
one of two ways: one register at a time (see the SPI Read Operation
section) or by reading multiple consecutive registers
simultaneously in burst mode. Burst mode is initiated when the
master sets the CS pin low and begins sending the command
byte (see Table 11) on the MOSI line with Bits[7:3] (ADDR) set
to the IWV register address, 00000. This means a command
byte set to 0x04. The master places data on the MOSI line
starting with the first high to low transition of SCLK. The SPI of
the ADE7912/ADE7913 samples data on the low to high
transitions of SCLK. After the ADE7912/ADE7913 device
receives the last bit of the command byte on a low to high
transition of SCLK, it begins to transmit the 24-bit IWV register
on the MISO line when the next SCLK high to low transition
occurs; thus, the master can sample the data on a low to high
SCLK transition. After the master receives the last bit of the
IWV register, the ADE7912/ADE7913 device sends V1WV,
which is placed at the next location, and continues in this
manner until the master sets the CS and SCLK lines high and
the communication ends. The data lines, MOSI and MISO, go
into a high impedance state. See Figure 42 for details of the SPI
read operation in burst mode.
If a register does not need to be read, for example, the 16-bit
CNT_SNAPSHOT register, the master sets the CS and SCLK
lines high after the STATUS0 register is received.
If the IWV register, for example, is not required, but V1WV is,
set the ADDR bits to the V1WV address, 00001, in the
command byte, and execute the burst mode operation.
SPI Write Operation
The SPI write operation is initiated when the master sets the CS
pin low and begins sending one command byte (see Table 11).
Bit 2 (READ_EN) must be cleared to 0. The master places data
on the MOSI line starting with the first high to low transition of
SCLK. The SPI of the ADE7912/ADE7913 samples data on the
low to high transitions of SCLK. Next, the master sends the
8-bit value of the register without losing any SCLK cycles. After
the last bit is transmitted, at the end of the SCLK cycle, the
master sets the CS and SCLK lines high and the communication
ends. The data lines, MOSI and MISO, go into a high imped-
ance state. See Figure 43 for details of the SPI write operation.
Note that the SPI write operation can execute 8-bit writes only.
The 16-bit synchronization counter register (composed of
COUNTER0 and COUNTER1) is written by executing the
write operation twice: the less significant byte is written first,
followed by the most significant byte. See the Synchronizing
Multiple ADE7912/ADE7913 Devices section for details on the
functionality controlled by the synchronization counter register.
Because the ADE7912/ADE7913 do not need to acknowledge a
write command in any way, this operation can be broadcast to
multiple ADE7912/ADE7913 devices when the same register
must be initialized with the same value.
After executing a write operation, it is recommended to read
back the register to ensure that it was initialized correctly.
SYNCHRONIZING MULTIPLE ADE7912/ADE7913
DEVICES
The ADE7912/ADE7913 allow the user to sample all currents
and voltages simultaneously and to provide coherent ADC
output samples, which is a highly desired feature in polyphase
metering systems. The EMI reduction scheme managed by the
EMI_CTRL register (see the DC-to-DC Converter section for
details) requires that the ADE7912/ADE7913 provide coherent
samples.
The ADE7912/ADE7913 in Polyphase Energy Meters section
describes how a polyphase energy meter containing multiple
ADE7912/ADE7913 devices can use one crystal to clock all the
ADE7912/ADE7913 devices. At power-up, only one ADE7912/
ADE7913 device is clocked from the crystal, as the other devices
are set to receive the clock from the CLKOUT/DREADY pin of
the first ADE7912/ADE7913 device. This pin has DREADY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com