Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7913 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 28Page - Analog Devices ADE7913 Datasheet HTML 29Page - Analog Devices ADE7913 Datasheet HTML 30Page - Analog Devices ADE7913 Datasheet HTML 31Page - Analog Devices ADE7913 Datasheet HTML 32Page - Analog Devices ADE7913 Datasheet HTML 33Page - Analog Devices ADE7913 Datasheet HTML 34Page - Analog Devices ADE7913 Datasheet HTML 35Page - Analog Devices ADE7913 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 32 of 44
MAGNETIC FIELD IMMUNITY
The ADE7912/ADE7913 are immune to dc magnetic fields
because they use air core transformers. The limitation on the
ADE7912/ADE7913 ac magnetic field immunity is set by the
condition in which the induced voltage in the transformer
receiving coil is sufficiently large to either falsely set or reset the
decoder. The following analysis defines the conditions under
which this can occur. The 3.3 V operating condition is examined
because it is the nominal supply of the ADE7912/ADE7913.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at about 0.5 V,
thus establishing a 0.5 V margin in which induced voltages can
be tolerated. The voltage induced across the receiving coil is
given by
∑
=
π
 −
=
N
n
n
r
dt
dB
V
1
2
(12)
where:
B is the ac magnetic field: Β(t) = B × sin(ωt).
N is the number of turns in the receiving coil.
rn is the radius of the nth turn in the receiving coil.
Given the geometry of the receiving coil in the ADE7912/
ADE7913 and an imposed requirement that the induced
voltage, VTHR, be at most 50% of the 0.5 V margin at the
decoder, a maximum allowable external magnetic field, B, is
calculated, as shown in Equation 13 and Figure 50.
∑
=
×
=
N
n
n
THR
r
f
V
B
1
2
π
2
π
(13)
where:
f is the frequency of the magnetic field.
B is the amplitude of the ac magnetic field.
Figure 50. Maximum Allowable External Magnetic Field
For example, at a magnetic field frequency of 10 kHz, the
maximum allowable magnetic field of 2.8 T induces a voltage of
0.25 V at the receiving coil. This voltage is about 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event occurs during a transmitted pulse
(and is of the worst-case polarity), it reduces the received pulse
from more than 1.0 V to 0.75 V, still well above the 0.5 V
sensing threshold of the decoder.
The preceding magnetic field values correspond to specific
current magnitudes at given distances from the ADE7912/
ADE7913 transformers.
∑
=
×
×
×
=
×
=
N
n
n
r
f
d
V
d
B
I
1
2
0
0
π
μ
2
μ
π
(14)
where µ0 is 4π × 10−7 H/m, the magnetic permeability of the air.
Figure 51 expresses these allowable current magnitudes as a
function of frequency for selected distances. As shown in Figure 51,
the ADE7912/ADE7913 are extremely immune and can be
affected only by extremely large currents operated at high
frequency very close to the component. For the 10 kHz example
previously noted, a current with an amplitude of 69 kA placed
mm from the ADE7912/ADE7913 is required to affect
component operation.
Note that at combinations of strong magnetic field and high
frequency, any loops formed by PCB traces can induce error
voltages sufficiently large enough to trigger the thresholds of
succeeding circuitry. Take care in the layout of such traces to
avoid this possibility (see the Layout Guidelines section).
Figure 51. Maximum Allowable Current for Various Current-to-
ADE7912/ADE7913 Spacings
100
10
1
0.1
0.01
0.001
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0.005m
1m
0.1m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com