Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 17Page - Advanced Micro Devices AM29F100 Datasheet HTML 18Page - Advanced Micro Devices AM29F100 Datasheet HTML 19Page - Advanced Micro Devices AM29F100 Datasheet HTML 20Page - Advanced Micro Devices AM29F100 Datasheet HTML 21Page - Advanced Micro Devices AM29F100 Datasheet HTML 22Page - Advanced Micro Devices AM29F100 Datasheet HTML 23Page - Advanced Micro Devices AM29F100 Datasheet HTML 24Page - Advanced Micro Devices AM29F100 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Am29F100
21
DC CHARACTERISTICS
TTL/NMOS Compatible
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Program or Embedded Erase Algorithm is in progress.
3. Not 100% tested.
Parameter
Symbol
Parameter Description
Test Description
Min
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 = 12.5 V
50
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
±1.0
µA
ICC1
VCC Active Current (Note 1)
VCC = VCC Max, CE# = VIL,
OE# = VIH
Byte
40
mA
Word
50
mA
ICC2
VCC Active Current (Notes 2, 3)
VCC = VCC Max, CE# = VIL, OE# = VIH
60
mA
ICC3
VCC Standby Current
VCC = VCC Max, CE# = VIH, OE# = VIH
1.0
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 5.0 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 5.8 mA, VCC = VCC Min
0.45
V
VOH
Output High Voltage
IOH = –2.5 mA, VCC = VCC Min
2.4
V
VLKO
Low VCC Lock-out Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com