Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 11Page - Advanced Micro Devices AM29F100 Datasheet HTML 12Page - Advanced Micro Devices AM29F100 Datasheet HTML 13Page - Advanced Micro Devices AM29F100 Datasheet HTML 14Page - Advanced Micro Devices AM29F100 Datasheet HTML 15Page - Advanced Micro Devices AM29F100 Datasheet HTML 16Page - Advanced Micro Devices AM29F100 Datasheet HTML 17Page - Advanced Micro Devices AM29F100 Datasheet HTML 18Page - Advanced Micro Devices AM29F100 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Am29F100
15
Table 5.
Am29F100 Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the
rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A15–A12 uniquely select any sector.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus cycles
are write operations.
4. Data bits DQ15–DQ8 are don’t cares for unlock and
command cycles.
5. No unlock or command cycles required when reading array
data.
6. The Reset command is required to return to reading array
data when device is in the autoselect mode, or if DQ5 goes
high (while the device is providing status data).
7. The fourth cycle of the autoselect command sequence is a
read operation.
8. The data is 00h for an unprotected sector and 01h for a
protected sector. See “Autoselect Command Sequence” for
more information.
9. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend
mode. The Erase Suspend command is valid only during a
sector erase operation.
10. The Erase Resume command is valid only during the Erase
Suspend mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data Addr
Data
Addr Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXXX
F0
Manufacturer ID
Word
4
5555
AA
2AAA
55
5555
90
XX00
01
Byte
AAAA
5555
AAAA
Device ID,
Top Boot Block
Word
4
5555
AA
2AAA
55
5555
90
XX01
22D9
Byte
AAAA
5555
AAAA
XX02
D9
Device ID,
Bottom Boot Block
Word
4
5555
AA
2AAA
55
5555
90
XX01
22DF
Byte
AAAA
5555
AAAA
XX02
DF
Sector Protect Verify
(Note 8)
Word
4
5555
AA
2AAA
55
5555
90
(SA)
X02
XX00
XX01
Byte
AAAA
5555
AAAA
(SA)
X04
00
01
Program
Word
4
5555
AA
2AAA
55
5555
A0
PA
PD
Byte
AAAA
5555
AAAA
Chip Erase
Word
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
10
Byte
AAAA
5555
AAAA
AAAA
5555
AAAA
Sector Erase
Word
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
SA
30
Byte
AAAA
5555
AAAA
AAAA
5555
Erase Suspend (Note 9)
1
XXXX
B0
Erase Resume (Note 10)
1
XXXX
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com