Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 22Page - Advanced Micro Devices AM29F100 Datasheet HTML 23Page - Advanced Micro Devices AM29F100 Datasheet HTML 24Page - Advanced Micro Devices AM29F100 Datasheet HTML 25Page - Advanced Micro Devices AM29F100 Datasheet HTML 26Page - Advanced Micro Devices AM29F100 Datasheet HTML 27Page - Advanced Micro Devices AM29F100 Datasheet HTML 28Page - Advanced Micro Devices AM29F100 Datasheet HTML 29Page - Advanced Micro Devices AM29F100 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Am29F100
AC CHARACTERISTICS
Word/Byte Configuration (BYTE#)
Parameter
-70
-90
-120
-150
JEDEC
Std.
Description
Unit
tELFL/tELFH
CE# to BYTE# Switching Low or High
Max
5
ns
tFLQZ
BYTE# Switching Low to Output HIGH Z
Max
20
20
30
35
ns
tFHQV
BYTE# Switching High to Output Active
Min
70
90
120
150
ns
DQ15
Output
Data Output
(DQ0–DQ7)
CE#
OE#
BYTE#
tELFL
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFLQZ
BYTE#
Switching
from word
to byte
mode
DQ15
Output
Data Output
(DQ0–DQ7)
BYTE#
tELFH
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFHQV
BYTE#
Switching
from byte
to word
mode
18926C-16
Figure 11.
BYTE# Timings for Read Operations
Note:
Refer to the Erase/Program Operations table for tAS and tAH specifications.
18926C-17
Figure 12.
BYTE# Timings for Write Operations
CE#
WE#
BYTE#
The falling edge of the last WE# signal
tHOLD (tAH)
tSET
(tAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com