Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 10Page - Advanced Micro Devices AM29F100 Datasheet HTML 11Page - Advanced Micro Devices AM29F100 Datasheet HTML 12Page - Advanced Micro Devices AM29F100 Datasheet HTML 13Page - Advanced Micro Devices AM29F100 Datasheet HTML 14Page - Advanced Micro Devices AM29F100 Datasheet HTML 15Page - Advanced Micro Devices AM29F100 Datasheet HTML 16Page - Advanced Micro Devices AM29F100 Datasheet HTML 17Page - Advanced Micro Devices AM29F100 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
Am29F100
minates the time-out period and suspends the erase
operation.
After the erase operation has been suspended, the
system can read array data from or program data to
any sector not selected for erasure. (The device “erase
suspends” all sectors selected for erasure.) Normal
read and write timings and command definitions apply.
Reading at any address within erase-suspended sec-
tors produces status data on DQ7–DQ0. The system
can use DQ7 to determine if a sector is actively erasing
or is erase-suspended. See “Write Operation Status”
for information on these status bits.
After an erase-suspended program operation is com-
plete, the system can once again read array data within
non-suspended sectors. The system can determine the
status of the program operation using the DQ7 or DQ6
status bits, just as in the standard program operation.
See “Write Operation Status” for more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend
mode. The device allows reading autoselect codes
even at addresses within erasing sectors, since the
codes are not stored in the memory array. When the
device exits the autoselect mode, the device reverts to
the Erase Suspend mode, and is ready for another
valid operation. See “Autoselect Command Sequence”
for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the de-
vice has resumed erasing.
Notes:
1. See the appropriate Command Definitions table for erase
command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 3.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
18926C-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com