Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 3Page - Advanced Micro Devices AM29F100 Datasheet HTML 4Page - Advanced Micro Devices AM29F100 Datasheet HTML 5Page - Advanced Micro Devices AM29F100 Datasheet HTML 6Page - Advanced Micro Devices AM29F100 Datasheet HTML 7Page - Advanced Micro Devices AM29F100 Datasheet HTML 8Page - Advanced Micro Devices AM29F100 Datasheet HTML 9Page - Advanced Micro Devices AM29F100 Datasheet HTML 10Page - Advanced Micro Devices AM29F100 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Am29F100
7
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself
does not occupy any addressable memory location.
The register is composed of latches that store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. The appropriate device bus operations table
lists the inputs and control levels required, and the re-
sulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Am29F100 Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Addresses In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A15:A0 in word mode (BYTE# = VIH), A15:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions must be implemented via programming equipment. See the “Sector Pro-
tection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are ac-
tive and controlled by CE# and OE#. The data I/O pins
DQ8–DQ14 are tri-stated, and the DQ15 pin is used as
an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH. The BYTE# pin determines whether the de-
vice outputs array data in words or bytes.
The internal state machine is set for reading array
data upon device power-up, or after a hardware re-
set. This ensures that no spurious alteration of the
memory content occurs during the power transition.
No command is necessary in this mode to obtain
array data. Standard microprocessor read cycles that
assert valid addresses on the device address inputs
produce valid data on the device data outputs. The
device remains enabled for read access until the
command register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to the Read Operations Timings diagram for
the timing waveforms. ICC1 in the DC Characteristics
table represents the active current specification for
reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes
or words. Refer to “Word/Byte Configuration” for
more information.
Operation
CE#
OE#
WE#
RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ± 0.5 V
X
X
VCC ± 0.5 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary Sector
Unprotect
XX
X
VID
AIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com