Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 28Page - Advanced Micro Devices AM29F100 Datasheet HTML 29Page - Advanced Micro Devices AM29F100 Datasheet HTML 30Page - Advanced Micro Devices AM29F100 Datasheet HTML 31Page - Advanced Micro Devices AM29F100 Datasheet HTML 32Page - Advanced Micro Devices AM29F100 Datasheet HTML 33Page - Advanced Micro Devices AM29F100 Datasheet HTML 34Page - Advanced Micro Devices AM29F100 Datasheet HTML 35Page - Advanced Micro Devices AM29F100 Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
Am29F100
REVISION SUMMARY FOR AM29F100
Revision B+1
Product Selector Guide
Replaced the -75 column (70 ns,
±5%) with the -70 col-
umn (70 ns,
±10%).
Ordering Information, Standard Products
The -70 designation is now listed in the part number ex-
ample.
Valid Combinations: Replaced the -75 combinations
with -70. The 70 ns speed grade is now available in the
same combinations as the other speed grades.
Operating Ranges
VCC Supply Voltages: Changed the -75 designation
to -70.
AC Characteristics
Read Only Operations: Changed the -75 column head
to -70. All parameters remain the same.
Figure 7, Test Conditions: Changed CL in Note 1 from -
75 to -70.
Write/Erase/Program Operations: Changed the -75
column head to -70. Changed byte programming and
chip/sector erase times (tWHWH1 and tWHWH2, respec-
tively).
Switching Waveforms
Temporary Sector Unprotect Timing Diagram, Figure
18: Corrected the top waveform. RESET# begins at 0
V, then rises to 12 V in tVIDR.
AC Characteristics
Alternate CE# Controlled Writes: Changed the -75 col-
umn head to -70. Changed byte programming and
chip/sector erase times (tWHWH1 and tWHWH2, respec-
tively).
Erase and Programming Performance
Combined sector and chip erase times, added word
programming times and erase/program cycle times.
Updated specifications.
Revision C
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams.
Revision C+1
Table 5, Command Definitions
Address bits A0–A14 are required for unlock cycles.
Therefore, addresses for second and fifth write cycles
are 2AAAh in word mode and 5555h in byte mode. Ad-
dresses for first, third, fourth, and sixth cycles are
5555h in word mode and AAAAh in byte mode. Read
cycles are not affected. Deleted Note 5 to reflect the
correction.
Revision C+2
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
notes reference for tWHWH1 and tWHWH2. These param-
eters are 100% tested. Corrected the note reference
for tVCS. This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com