Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 4Page - Advanced Micro Devices AM29F100 Datasheet HTML 5Page - Advanced Micro Devices AM29F100 Datasheet HTML 6Page - Advanced Micro Devices AM29F100 Datasheet HTML 7Page - Advanced Micro Devices AM29F100 Datasheet HTML 8Page - Advanced Micro Devices AM29F100 Datasheet HTML 9Page - Advanced Micro Devices AM29F100 Datasheet HTML 10Page - Advanced Micro Devices AM29F100 Datasheet HTML 11Page - Advanced Micro Devices AM29F100 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Am29F100
An erase operation can erase one sector, multiple sec-
tors, or the entire device. The Sector Address Tables
indicate the address space that each sector occupies.
A “sector address” consists of the address bits required
to uniquely select a sector. See the “Command Defini-
tions” section for details on erasing a sector or the en-
tire chip, or suspending/resuming the erase operation.
After the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in this
mode. Refer to the “Autoselect Mode” and “Autoselect
Command Sequence” sections for more information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The “AC
Characteristics” section contains timing specification
tables and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and ICC
read specifications apply. Refer to “Write Operation
Status” for more information, and to each AC Charac-
teristics section for timing diagrams.
Standby Mode
When the system is not reading or writing to the device,
it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the
outputs are placed in the high impedance state, inde-
pendent of the OE# input.
The device enters the CMOS standby mode when CE#
and RESET# pins are both held at VCC ± 0.5 V. (Note
that this is a more restricted voltage range than VIH.)
The device enters the TTL standby mode when CE#
and RESET# pins are both held at VIH. The device re-
quires standard access time (tCE) for read access
when the device is in either of these standby modes,
before it is ready to read data.
The device also enters the standby mode when the
RESET# pin is driven low. Refer to the next section,
“RESET#: Hardware Reset Pin”.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
In the DC Characteristics tables, ICC3 represents the
standby current specification.
RESET#: HARDWARE RESET PIN
The RESET# pin provides a hardware method of reset-
ting the device to reading array data. When the system
drives the RESET# pin low for at least a period of tRP,
the device immediately terminates any operation in
progress, tristates all data output pins, and ignores all
read/write attempts for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. The operation that was in-
terrupted should be reinitiated once the device is ready
to accept another command sequence, to ensure data
integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VIL, the device enters
the TTL standby mode; if RESET# is held at VSS ±
0.5 V, the device enters the CMOS standby mode.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase oper-
ation, the RY/BY# pin remains a “0” (busy) until the in-
ternal reset operation is complete, which requires a
time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of tREADY (not during Embedded Algo-
rithms). The system can read data tRH after the RE-
SET# pin returns to VIH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high imped-
ance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com