Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 6Page - Advanced Micro Devices AM29F100 Datasheet HTML 7Page - Advanced Micro Devices AM29F100 Datasheet HTML 8Page - Advanced Micro Devices AM29F100 Datasheet HTML 9Page - Advanced Micro Devices AM29F100 Datasheet HTML 10Page - Advanced Micro Devices AM29F100 Datasheet HTML 11Page - Advanced Micro Devices AM29F100 Datasheet HTML 12Page - Advanced Micro Devices AM29F100 Datasheet HTML 13Page - Advanced Micro Devices AM29F100 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Am29F100
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The
hardware sector unprotection feature re-enables
both program and erase operations in previously pro-
tected sectors.
Sector protection/unprotection must be implemented
using programming equipment. The procedure re-
quires a high voltage (VID) on address pin A9 and the
control pins. Details on this method are provided in a
supplement, publication number 20373. Contact an
AMD representative to obtain a copy of the appropriate
document.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is protected
or unprotected. See “Autoselect Mode” for details.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system.
The Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly pro-
tected sectors can be programmed or erased by se-
lecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected
sectors are protected again. Figure 1 shows the algo-
rithm, and the Temporary Sector Unprotect (Figure
17) diagram shows the timing waveforms, for this fea-
ture.
Figure 1.
Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect
Completed (Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once
again.
18926C-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com