Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 23Page - Advanced Micro Devices AM29F100 Datasheet HTML 24Page - Advanced Micro Devices AM29F100 Datasheet HTML 25Page - Advanced Micro Devices AM29F100 Datasheet HTML 26Page - Advanced Micro Devices AM29F100 Datasheet HTML 27Page - Advanced Micro Devices AM29F100 Datasheet HTML 28Page - Advanced Micro Devices AM29F100 Datasheet HTML 29Page - Advanced Micro Devices AM29F100 Datasheet HTML 30Page - Advanced Micro Devices AM29F100 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Am29F100
27
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter Symbol
Parameter Description
-70
-90
-120
-150
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
120
150
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
50
50
ns
tDVWH
tDS
Data Setup Time
Min
30
45
50
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
45
50
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ
14
µs
tWHWH2
tWHWH2
Chip/Sector Erase Operation (Note 2)
Typ
1.5
sec
tVCS
VCC Set Up Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
30
35
50
55
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com