Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F100
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F100 Datasheet HTML 7Page - Advanced Micro Devices AM29F100 Datasheet HTML 8Page - Advanced Micro Devices AM29F100 Datasheet HTML 9Page - Advanced Micro Devices AM29F100 Datasheet HTML 10Page - Advanced Micro Devices AM29F100 Datasheet HTML 11Page - Advanced Micro Devices AM29F100 Datasheet HTML 12Page - Advanced Micro Devices AM29F100 Datasheet HTML 13Page - Advanced Micro Devices AM29F100 Datasheet HTML 14Page - Advanced Micro Devices AM29F100 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Am29F100
11
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes (refer to the Command Defi-
nitions table). In addition, the following hardware data
protection measures prevent accidental erasure or pro-
gramming, which might otherwise be caused by spuri-
ous system level signals during VCC power-up and
power-down transitions, or from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during VCC
power-up and power-down. The command register and
all internal program/erase circuits are disabled, and the
device resets. Subsequent writes are ignored until VCC
is greater than VLKO. The system must provide the
proper signals to the control pins to prevent uninten-
tional writes when VCC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or
WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE#
= VIL, CE# = VIH or WE# = VIH. To initiate a write cy-
cle, CE# and WE# must be a logical zero while OE#
is a logical one.
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power
up, the device does not accept commands on the
rising edge of WE#. The internal state machine is
aut om a t ic ally res e t to reading array dat a on
power-up.
COMMAND DEFINITIONS
Writing specific address and data commands or se-
quences into the command register initiates device op-
erations. The Command Definitions table defines the
valid register command sequences. Writing incorrect
address and data values or writing them in the im-
proper sequence resets the device to reading array
data.
All addresses are latched on the falling edge of WE# or
CE#, whichever happens later. All data is latched on
the rising edge of WE# or CE#, whichever happens
first. Refer to the appropriate timing diagrams in the
“AC Characteristics” section.
Reading Array Data
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. The device is also ready to read array
data after completing an Embedded Program or Em-
bedded Erase algorithm.
After the device accepts an Erase Suspend command,
the device enters the Erase Suspend mode. The sys-
tem can read array data using the standard read tim-
ings, except that if it reads at an address within erase-
suspended sectors, the device outputs status data.
After completing a programming operation in the Erase
Suspend mode, the system may once again read array
data with the same exception. See “Erase Suspend/
Erase Resume Commands” for more information on
this mode.
The system must issue the reset command to re-en-
able the device for reading array data if DQ5 goes high,
or while in the autoselect mode. See the “Reset Com-
mand” section, next.
See also “Requirements for Reading Array Data” in the
“Device Bus Operations” section for more information.
The Read Operations table provides the read parame-
ters, and Read Operation Timings diagram shows the
timing diagram.
Reset Command
Writing the reset command to the device resets the de-
vice to reading array data. Address bits are don’t care
for this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to reading array
data. Once erasure begins, however, the device ig-
nores reset commands until the operation is complete.
The reset command may be written between the se-
quence cycles in a program command sequence be-
fore programming begins. This resets the device to
reading array data (also applies to programming in
Erase Suspend mode). Once programming begins,
however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the se-
quence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must
be written to return to reading array data (also applies
to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase operation,
writing the reset command returns the device to read-
ing array data (also applies during Erase Suspend).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com