Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 49
Table 2.2
Amplifier Gain: Stage 2
Gain_stage2
BM_config Bit G4
BM_config Bit G3
BM_config Bit G2
Stage 2 Gain Setting
0
0
0
1.1
0
0
1
1.2
0
1
0
1.3
0
1
1
1.4
1
0
0
1.5
1
0
1
1.6
1
1
0
1.7
1
1
1
1.8
If needed, the polarity of the sensor bridge gain can be reversed by setting the Gain_polarity bit, which is bit 5 in
the BM_config register (see section 3.6.3). Changing the gain polarity is achieved by inverting the chopper clock.
Table 2.3 gives the settings for the Gain_polarity bit. This feature enables applying a sensor to the ZSSC3036
with swapped input signals at INN and INP; e.g., to avoid cro
ssing wires for the final sensor module’s assembly.
Table 2.3
Gain Polarity
Gain_polarity (BM_config Bit 5)
Gain
Setting Description
0
+1
No polarity change.
1
-1
Gain polarity is inverted.
The inherent amplifier offset is suppressed by means of auto-zero and chopper techniques.
The optimal gain (and offset) setup for a specific sensor element can be determined by these steps:
1)
Collect sensor elements’ characteristic, statistical data (over temperature, ambient sensor parameter, and
over production tolerances):
a. Minimum differential output voltage:
Vmin
b. Maximum differential output voltage:
Vmax
Note: The best possible setup can only be determined if the absolute value of Vmax is bigger than the
absolute value of Vmin. If this is not the case, the gain polarity should be reversed.
2) If Vmin and Vmax have different signs (normally: Vmax is positive and Vmin is negative), then the required
ADC offset shift can be selected using this ratio: RatioOffset = |Vmin| / (Vmax – Vmin).
In this case, the respective offset setup (A2D_offset) is the nearest integer of multiples of 1/16 in the
range of 1/16 to 8/16 (see Table 2.8):
A2D_offset = Round_to_x16
th{Ratio
Offset}.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com