Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
27 of 49
MSB
SCLK (CPOL=0)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
MSB
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
SCLK (CPOL=1)
MOSI
MISO
/SS
SAMPLE
CPHA=0
Table 3.6
Mode Status
Status[4:3]
Mode
00
Normal Mode
01
Command Mode
10
ZMDI-Reserved
11
Command Mode and Reserved
Further status information is provided by the EOC pin. The EOC pin is set high when a measurement and
calculation have been completed.
3.5.2.
SPI
The SPI Mode is available when the SEL pin = 0. The polarity and phase of the SPI clock are programmable via
the CKP_CKE setting in address 02HEX as described in Table 3.8. CKP_CKE is two bits: CPHA (bit 10), which
selects which edge of SCLK latches data, and CPOL (bit 11), which indicates whether SCLK is high or low when it
is idle. The polarity of the SS signal and pin are programmable via the SS_polarity setting (bit 9). The different
combinations of polarity and phase are illustrated in the figures below.
Figure 3.3
SPI Configuration CPHA=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com