Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
33 of 49
3.6.3.
Memory Contents
Table 3.8
MTP Memory Content Assignments
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
00HEX
15:0
0000HEX
Cust_ID0
Customer ID byte 0 (combines with memory word
01HEX to form customer ID)
01HEX
15:0
0000HEX
Cust_ID1
Customer ID byte 1 (combines with memory word
00HEX to form customer ID)
Interface Configuration
02HEX
6:0
000 0000BIN
Slave_Addr
I²C
™ slave address; valid range: 00HEX to 7FHEX
(default: 00HEX), Remark: address codes 04HEX to
07HEX are reserved for entering the I
2C™ High Speed
Mode
8:7
00BIN
-
Reserved
9
0BIN
SS_polarity
Determines the polarity of the Slave Select pin (SS)
for SPI operation:
 0  Slave Select is active low (SPI and
ZSSC3036 are active if SS==0)
 1  Slave Select is active high (SPI and
ZSSC3036 are active if SS==1)
11:10
00BIN
CKP_CKE
Clock polarity and clock-edge select
—determines
polarity and phase of SPI interface clock with the
following modes:
 00  SCLK is low in idle state, data latch with
rising edge and data output with falling edge
 01  SCLK is low in idle state, data latch with
falling edge and data output with rising edge
 10  SCLK is high in idle state, data latch with
falling edge and data output with rising edge
 11  SCLK is high in idle state, data latch with
rising edge and data output with falling edge
15:12
-
Not assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com