Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 43Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 44Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
41 of 49
for temperature values:
o
A6HEX + 0000HEX: single temperature measurement for which the configuration register will be
loaded from an internal temperature configuration register (preprogrammed by
ZMDI in MTP); preprogramming of the respective configuration is done by
ZMDI prior to IC delivery. This is the recommended approach for temperature
data collection.
o
A7HEX + ssssHEX: single temperature measurement for which the configuration register (Gain,
ADC, Offset, etc.) will be loaded as ssssHEX and must be provided externally
via the interface. The data composition of the temperature configuration
register is similar to the BM_config (address 10HEX) register for the bridge
sensor.
3.7.3.
Calibration Step 3
– Coefficient Calculations
The math to perform the coefficient calculation is complicated and will not be discussed in detail. There is a brief
overview in the next section. ZMDI will provide software (DLLs) to perform the coefficient calculation (external to
the sensor-IC system) based on auto-zero corrected values. After the coefficients are calculated, the final step is
to write them to the MTP memory of the ZSSC3036.
3.8.
The Calibration Math
3.8.1.
Bridge Signal Compensation
The saturation check in the ZSSC3036 is enhanced compared with older SSCs from ZMDI. Even saturation
effects of the internal calculation steps are detected, allowing the final correction output to still be determined. It is
possible to get potentially useful signal conditioning results which have had an intermediate saturation during the
calculations
– these cases are detectable by observing the status bit[0] for each measurement result. Details
about the saturation limits and the valid ranges for values are provided in the following equations.
SOT_curve selects whether second-order equations compensate for sensor nonlinearity with a parabolic or
S-shaped curve. The parabolic compensation is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com