Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
20 of 49
3
Functional Description
3.1.
Power Up
Specifications for this section are given in sections 1.2 and 1.3. On power-up, the ZSSC3036 communication
interface is able to receive the first command after a time tSTA1 from when the VDD supply is within operating
specifications. The ZSSC3036 can begin the first measurement after a time of tSTA2.from when the VDD supply is
operational.
The wake up time from Sleep State to Active State (see section 3.3) after receiving the activating command is
defined as tWUP1 and tWUP2. In Command Mode, subsequent commands can be sent after tWUP1. The first
measurement starts after tWUP2 if a measurement request was sent.
3.2.
Measurements
Available measurement procedures are
AZBM: auto-zero bridge measurement
BM: bridge measurement
AZTM: auto-zero temperature measurement
TM: temperature measurement
AZBM: The configuration for bridge measurements is loaded. The Multiplexer block connects the amplifier input
to the AGND analog ground reference. An analog-to-digital conversion is performed so that the inherent system
offset for the bridge configuration is converted by the ADC to a 16-bit digital word.
BM: The configuration for bridge measurements is loaded. The Multiplexer connects the amplifier input to the
bridge pins INP and INN. An analog-to-digital conversion is performed. The result is a 16-bit digital word.
AZTM: The configuration for temperature measurements is loaded. The Multiplexer connects the amplifier input to
AGND. An analog-to-digital conversion is performed so that the inherent system offset for the temperature
configuration is converted by the ADC to a 16-bit digital word.
TM: The configuration for temperature measurements is loaded. The Multiplexer connects the Amplifier input to
the internal temperature sensor. An analog-to-digital conversion is performed. The result is a 16-bit digital word.
The typical application’s measurement cycle is a complete SSC measurement (using the command AC
HEX) with
AZBM, BM, AZTM, and TM followed by a signal correction calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com