Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
35 of 49
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
11
0BIN
SOT_tcg_sign
Separate sign setting for 2
nd-order temperature
coefficient (SOT_tcg):
0 => a positive value or
1 => a negative value
12
0BIN
SOT_bridge[16]
2
nd-order coefficient of the bridge signal, bit[16] —
functions as the MSB and combines with
SOT_bridge[15:0] in 0BHEX to form the 17-bit
coefficient’s absolute value
13
0BIN
SOT_bridge_sign
Separate sign setting for 2
nd-order bridge coefficient
(SOT_bridge):
0 => a positive value or
1 => a negative value
14
0BIN
SOT_curve
Type of second-order curve correction for the bridge
sensor signal.
0  parabolic curve
1  s-shaped curve
15
0BIN
TSETL_sign
Separate sign setting for T_SETL:
0 => a positive value or
1 => a negative value
04HEX
0
0BIN
Gain_T[16]
Temperature gain of temperature sensor, bit[16]
—
functions as the MSB and combines with
Gain_T[15:0] in 0DHEX to form the 17-bit coefficient’s
absolute value
1
0BIN
Gain_T_sign
Separate sign setting for the temperature gain
(Gain_T):
0 => a positive value or
1 => a negative value
2
0BIN
SOT_T[16]
2
nd-order temperature coefficient of temperature
sensor, bit[16]
— functions as the MSB and
combines with SOT_T[15:0] in 0EHEX to form the
17-bit
coefficient’s absolute value
3
0BIN
SOT_T_sign
Separate sign setting for 2
nd-order temperature
coefficient (SOT_T):
0 => a positive value or
1 => a negative value
4
0BIN
Offset_T[16]
Temperature offset of temperature sensor, bit[16]
—
functions as the MSB and combines with
Offset_T[15:0] in 0CHEX to form the 17-bit
coefficient’s absolute value
5
0BIN
Offset_T_sign
Separate sign setting for the temperature offset
(Offset_T):
0 => a positive value or
1 => a negative value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com