Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
37 of 49
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
0CHEX
15:0
0000HEX
(7000HEX)
Offset_T[15:0]
Bits [15:0] of the temperature offset correction
coefficient (the respective MSBs, Offset_T[16] and
sign, Offset_T_sign, are under (bits[5:4] in 04HEX)
[-1/16 to 15/16] = 7000HEX (default for volume)
[-2/16 to 14/16] = 6000HEX
[-3/16 to 13/16] = 5000HEX
[-4/16 to 12/16] = 4000HEX
[-5/16 to 11/16] = 3000HEX
[-6/16 to 10/16] = 2000HEX
[-7/16 to 9/16] = 1000HEX
[-8/16 to 8/16] = 0000HEX (default for prototypes)
0DHEX
15:0
0000HEX
(8000HEX)
Gain_T[15:0]
Bits [15:0] of the absolute value of the temperature
gain coefficient (default for prototypes: 0000HEX;
default for volume production: 8000HEX ); the
respective MSBs, Gain_T[16] and sign,
Gain_T_sign, are under bits[1:0] in 04HEX)
0EHEX
15:0
0000HEX
SOT_T[15:0]
2
nd order term applied to the temperature reading –
the respective MSBs, SOT_T[16] and sign,
SOT_T_sign, are under (bits[3:2] in 04HEX)
0FHEX
15:0
0000HEX
T_SETL
Stores raw temperature reading at the temperature
at which low calibration points were taken
Measurement Configuration Register (BM_config)
10HEX
1:0
00BIN
Gain_stage1
Gain setting for the 1
st PREÀMP stage with
Gain_stage1:
 00  12
 01  20
 10  30
 11  40
4:2
000BIN
Gain_stage2
Gain setting for the 2
nd PREAMP stage with
Gain_stage2:
 000  1.1
 001  1.2
 010  1.3
 011  1.4
 100  1.5
 101  1.6
 110  1.7
 111  1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com