Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 25Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 26Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
28 of 49
MSB
SCLK (CPOL=0)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
MSB
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
SCLK (CPOL=1)
MOSI
MISO
/SS
SAMPLE
CPHA=1
CmdDat
<15:8>
CmdDat
<7:0>
Command
other than
NOP
Status
Data
Data
Command Request
MOSI
MISO
Note: A command request always consists of 3 bytes. If the command is shorter, then it must be completed with 0s.
The data on MISO depend on the preceding command.
Figure 3.4
SPI Configuration CPHA=1
In SPI mode, each command except NOP is started as shown in Figure 3.5. After the execution of a command
(busy = 0), the expected data can be read as illustrated in Figure 3.6 or if no data are returned by the command,
the next command can be sent. The status can be read at any time with the NOP command (see Figure 3.7).
Figure 3.5
SPI Command Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com