Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 43Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 44Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 45Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 46Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
43 of 49
Equations for the S-shaped SOT_curve setting (SOT_curve = 1):
Simplified:
2
15
1
15
2
2
_
K
K
B
Gain
Z
BS
(15)
15
15
15
15
2
2
2
_
2
BS
BS
Z
bridge
SOT
Z
B
(delimited to positive number range)
(16)
Complete:
1
2
2
1
2
2
2
15
1
15
17
17
17
17
2
2
_


K
K
B
Gain
Z
BS
(17)
16
17
17
17
17
17
17
2
0
15
1
2
2
1
2
2
15
1
2
2
15
15
2
2
2
_
2


BS
BS
Z
bridge
SOT
Z
B
(18)
Where
B
=
Corrected bridge reading output via I
2C™ or SPI; range [0
HEX to FFFFHEX];
BR_Raw
=
Raw bridge reading from ADC after AZ correction; range [-1FFFFHEX to 1FFFFHEX];
Gain_B
=
Bridge gain term; range [-1FFFFHEX to 1FFFFHEX];
Offset_B
=
Bridge offset term; range [-1FFFFHEX to 1FFFFHEX];
Tcg
=
Temperature coefficient gain term; range [-1FFFFHEX to 1FFFFHEX];
Tco
=
Temperature coefficient offset term; range [-1FFFFHEX to 1FFFFHEX];
T_Raw
=
Raw temperature reading after AZ correction; range [-1FFFFHEX to 1FFFFHEX];
TSETL
=
T_Raw reading at which low calibration was performed (e.g., 25°C);
range [-FFFFHEX to FFFFHEX];
SOT_tcg
=
Second-order term for Tcg non-linearity; range [-1FFFFHEX to 1FFFFHEX];
SOT_tco
=
Second-order term for Tco non-linearity; range [-1FFFFHEX to 1FFFFHEX];
SOT_bridge
=
Second-order term for bridge non-linearity; range [-1FFFFHEX to 1FFFFHEX];
=
absolute value
 ul
ll
=
bound/saturation number range from ll to ul, over/under-flow is reported as saturation in
status byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com