Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036CC1C Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
18 of 49
2.3.3.
Temperature Measurement
The ZSSC3036 provides an internal temperature sensor measurement to allow compensation for temperature
effects. See section 1.3 for the temperature sensor resolution. The temperature sensor uses bipolar transistors.
Any transistor circuitry mismatch is suppressed by dynamic element matching technique. The temperature output
signal is a differential voltage that is adapted by the amplifier for the ADC input.
For temperature measurements, the ADC offset and amplifier gain setting are defined by ZMDI. The ADC
MSB/LSB segmentation is programmable by the user for optimizing noise immunity or conversion time (see
section 2.3.2).
2.3.4.
Bridge Supply
The ZSSC3036 provides dedicated bridge supply pins VDDB and VSSB. The ADC reference voltages for the
sensor bridge measurement are derived from these internal voltages so that bridge supply disturbances are
suppressed. The current drive ability of VDDB is limited (see IVDDB in section 1.2).
2.4.
Digital Section
2.4.1.
Digital Signal Processor (DSP) Core
The DSP Core block performs the algorithm for correcting the sensor signal. The resulting coefficients are stored
in the MTP memory. When the measurement results are available, the "end of conversion" signal is set at the
EOC pin. The internal EOC information is valid only if both the measurement and calculation have been
completed.
2.4.2.
MTP Memory
The ZSSC3036
’s memory is designed with an OTP (one-time programmable) structure. The memory is organized
in 4 one-time programmable pages. When data in the currently valid memory page needs to be updated, normally
a new page must be selected by increasing the page counter and the whole memory content must be written in its
updated version. The user has access to a 24 x 16 bit storage area for values such as calibration coefficients.
Dedicated calibration values are stored in an area not accessible to the user. The required programming voltage
is generated internally in the ZSSC3036 whereas increased ZSSC3036 power supply requirements must be
fulfilled during programming (see Memory Programming Voltage in section 1.3). There is no over-write or erase
function for the MTP memory.
The physical memory function is such that each single bit that has not yet been set to 1 (i.e., remains 0) can still
be changed to 1, so it is possible to (partially) re-program an MTP register as shown in the following example:
Assume MTP address 11HEX was written with 8421HEX which is 1000 0100 0010 0001BIN.
Changing the register contents to A6A7HEX (i.e., 1010 0110 1010 0111binary) can be achieved by either
writing A6A7HEX (any already written bit will be ignored automatically) or just writing the difference
compared to 8421HEX, which is 2286HEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com