Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 219 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 219 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 215Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 216Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 217Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 218Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 219Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 220Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 221Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 222Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 223Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 304 page
background image
Am79C973/Am79C975
219
P R E L I M INARY
PHY Management Registers
Writes to registers marked “Reserved” will have no ef-
fect. Reads from these locations will produce unde-
fined values.
Register
Address
Symbol
Name
Default Value After
H_RESET
0
ANR0
PHY Control Register
2500h
1
ANR1
PHY Status Register
7849h
2
ANR2
PHY_ID[31:16]
0000h
3
ANR3
PHY_ID[15:0]
6BA0h
4
ANR4
Auto-Negotiation Advertisement Register
03C1h
5
ANR5
Auto-Negotiation Link Partner Ability Register
0000h
6
ANR6
Auto-Negotiation Expansion Register
0004h
7
ANR7
Auto-Negotiation Next Page Register
2001h
8-15
ANR8-ANR15
Reserved
--
16
ANR16
Interrupt Status and Enable Register
0000h
17
ANR17
PHY Control/Status Register
0001h
18
ANR18
Descrambler Resynchronization Timer Register
186Ah
19
ANR19
PHY Management Extension Register
--
20-23
ANR20-ANR23
Reserved
--
24
ANR24
Summary Status Register
0001h
25-31
ANR25-ANR31
Reserved
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com