Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 65Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 66Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 67Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 68Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 69Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 70Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 71Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 72Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 304 page
background image
Am79C973/Am79C975
69
P R E L I M INARY
If a poll operation has revealed that the current and the
next RDTE belong to the Am79C973/Am79C975 con-
troller, then additional poll accesses are not necessary.
Future poll operations will not include RDTE accesses
as long as the Am79C973/Am79C975 controller re-
tains ownership of the current and the next RDTE.
When receive activity is present on the channel, the
Am79C973/Am79C975 controller waits for the com-
plete address of the message to arrive. It then decides
whether to accept or reject the frame based on all ac-
tive addressing schemes. If the frame is accepted, the
Am79C973/Am79C975 controller checks the current
receive buffer status register CRST (CSR41) to deter-
mine the ownership of the current buffer.
If ownership is lacking, the Am79C973/Am79C975
controller will immediately perform a final poll of the
current RDTE. If ownership is still denied, the
Am79C973/Am79C975 controller has no buffer in
which to store the incoming message. The MISS bit will
be set in CSR0 and the Missed Frame Counter
(CSR112) will be incremented. Another poll of the cur-
rent RDTE will not occur until the frame has finished.
If the Am79C973/Am79C975 controller sees that the
last poll (either a normal poll, or the final effort de-
scribed in the above paragraph) of the current RDTE
shows valid ownership, it proceeds to a poll of the next
RDTE. Following this poll, and regardless of the out-
come of this poll, transfers of receive data from the
FIFO may begin.
Regardless of ownership of the second receive de-
scriptor, the Am79C973/Am79C975 controller will con-
tinue to perform receive data DMA transfers to the first
buffer. If the frame length exceeds the length of the first
buffer, and the Am79C973/Am79C975 controller does
not own the second buffer, ownership of the current de-
scriptor will be passed back to the system by writing a
0 to the OWN bit of RMD1. Status will be written indi-
cating buffer (BUFF = 1) and possibly overflow (OFLO
= 1) errors.
If the frame length exceeds the length of the first (cur-
rent) buffer, and the Am79C973/Am79C975 controller
does own the second (next) buffer, ownership will be
passed back to the system by writing a 0 to the OWN
bit of RMD1 when the first buffer is full. The OWN bit is
the only bit modified in the descriptor. Receive data
transfers to the second buffer may occur before the
Am79C973/Am79C975 controller proceeds to look
ahead to the ownership of the third buffer. Such action
will depend upon the state of the FIFO when the OWN
bit has been updated in the first descriptor. In any case,
lookahead will be performed to the third buffer and the
information gathered will be stored in the chip, regard-
less of the state of the ownership bit.
This activity continues until the Am79C973/Am79C975
controller recognizes the completion of the frame (the
last byte of this receive message has been removed
from the FIFO). The Am79C973/Am79C975 controller
will subsequently update the current RDTE status with
the end of frame (ENP) indication set, write the mes-
sage byte count (MCNT) for the entire frame into
RMD2, and overwrite the “current” entries in the CSRs
with the “next” entries.
Receive Frame Queuing
The Am79C973/Am79C975 controller supports the
lack of RDTEs when SRAM (SRAM SIZE in BCR 25,
bits 7-0) is enabled through the Receive Frame Queu-
ing mechanism. When the SRAM SIZE = 0, then the
Am79C973/Am79C975 controller reverts back to the
PCnet PCI II mode of operation. This operation is auto-
matic and does not require any programming by the
host. When SRAM is enabled, the Receive Frame
Queuing mechanism allows a slow protocol to manage
more frames without the high frame loss rate normally
attributed to FIFO based network controllers.
The Am79C973/Am79C975 controller will store the in-
coming frames in the extended FIFOs until polling
takes place; if enabled, it discovers it owns an RDTE.
The stored frames are not altered in any way until writ-
ten out into system buffers. When the receive FIFO
overflows, further incoming receive frames will be
missed during that time. As soon as the network re-
ceive FIFO is empty, incoming frames are processed
as normal. Status on a per frame basis is not kept dur-
ing the overflow process. Statistic counters are main-
tained and accurate during that time.
During the time that the Receive Frame Queuing mech-
anism is in operation, the Am79C973/Am79C975 con-
troller relies on the Receive Poll Time Counter (CSR
48) to control the worst case access to the RDTE. The
Receive Poll Time Counter is programmed through the
Receive Polling Interval (CSR49) register. The Re-
ceived Polling Interval defaults to approximately 2 ms.
The Am79C973/Am79C975 controller will also try to
access the RDTE during normal descriptor accesses
whether they are transmit or receive accesses. The
host can force the Am79C973/Am79C975 controller to
immediately access the RDTE by setting the RDMD
(CSR 7, bit 13) to 1. Its operation is similar to the trans-
mit one. The polling process can be disabled by setting
the RXDPOLL (CSR7, bit 12) bit. This will stop the au-
tomatic polling process and the host must set the
RDMD bit to initiate the receive process into host mem-
ory. Receive frames are still stored even when the re-
ceive polling process is disabled.
Software Interrupt Timer
The Am79C973/Am79C975 controller is equipped with
a software programmable free-running interrupt timer.
The timer is constantly running and will generate an in-
terrupt STINT (CSR 7, bit 11) when STINITE (CSR 7,
bit 10) is set to 1. After generating the interrupt, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com