Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 76Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 77Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 78Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 79Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 80Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 81Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 82Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 83Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 304 page
background image
80
Am79C973/Am79C975
P R E L I M INARY
PHY/MAC Interface
The internal MII-compatible interface provides the data
path connection between the 10/100 PHY and 10/100
Media Access Control (MAC). The interface is compat-
ible with Clause 22 of the IEEE 802.3 standard specifi-
cation.
Transmit Process
The transmit process generates code-groups based on
TXD[3:0], TX_EN, TX_ER signals on the internal MII.
These code-groups are transmitted by the PDX block.
This process is also responsible for frame encapsula-
tion into a Physical Layer Stream, generating the colli-
sion signal based on whether a carrier is received
simultaneously with transmission and generating the
Carrier Sense (CRS) and Collision (COL) signals at the
internal MII. The transmit process is implemented in
compliance with the transmit state diagram as defined
in Clause 24 of the IEEE 802.3u specification. Figure
38 shows the transmit process.
Receive Process
The receive process passes to the internal MII a se-
quence of data nibbles derived from the incoming
code-groups. Each code-group is comprised of five
code-bits. This process detects channel activity and
then aligns the incoming code bits in code-group
boundaries for subsequent data decoding. The receive
process is responsible for code-group alignment and
also generates the Carrier Sense (CRS) signal at the
internal MII. The receive process is implemented in
compliance with the receive state diagram as defined in
Clause 24 of the IEEE 802.3u specification. The False
Carrier Indication as specified in the standard is also
generated by this block, and communicated to the Rec-
onciliation layer. Figure 38 shows the receive process.
Internal PHY Loopback Path
As shown in Figure 35, the 10/100 PHY provides an
internal loopback path for system testing purposes.
The loopback option utilizes the serial loopback path
from the PDX serial output to the PDX serial input and
can be programmed via the LBK[1:0] bits in the PHY
Control/Status Register (ANR17).
For the corresponding LBK setting, refer to the descrip-
tion for the PHY Control/Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com