Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 46Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 47Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 48Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 49Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 50Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 51Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 53Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 304 page
background image
50
Am79C973/Am79C975
P R E L I M INARY
Figure 15 shows a typical burst write access. The
Am79C973/Am79C975 controller arbitrates for the bus,
is granted access, and writes four 32-bit words
(DWords) to the system memory and then releases the
bus. In this example, the memory system extends the
data phase of the first access by one wait state. The fol-
lowing three data phases take one clock cycle each,
which is determined by the timing of TRDY. The exam-
ple assumes that EXTREQ (BCR18, bit 8) is set to 1,
therefore, REQ is not deasserted until the next to last
data phase is finished.
Target Initiated Termination
When the Am79C973/Am79C975 controller is a bus
master, the cycles it produces on the PCI bus may be
terminated by the target in one of three different ways:
disconnect with data transfer, disconnect without data
transfer, and target abort.
Disconnect With Data Transfer
Figure 16 shows a disconnection in which one last data
transfer occurs after the target asserted STOP. STOP
is asserted on clock 4 to start the termination se-
quence. Data is still transferred during this cycle, since
both IRDY and TRDY are asserted. The Am79C973/
Am79C975 controller terminates the current transfer
with the deassertion of FRAME on clock 5 and of IRDY
one clock later. It finally releases the bus on clock 7.
The Am79C973/Am79C975 controller will again re-
quest the bus after two clock cycles, if it wants to trans-
fer more data. The starting address of the new transfer
will be the address of the next non-transferred data.
Figure 15. Burst Write Transfer (EXTREQ = 1)
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
2345678
ADDR
DATA
DATA
DATA
BE
0111
9
PAR
PAR
PAR
PAR
PAR
DATA
PAR
DEVSEL
is sampled
21510D-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com