Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 48Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 49Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 50Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 51Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 53Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 54Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 55Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 304 page
background image
52
Am79C973/Am79C975
P R E L I M INARY
Figure 17. Disconnect Without Data Transfer
RTABORT (PCI Status register, bit 12) will be set to
indicate that the Am79C973/Am79C975 controller has
received a target abort. In addition, SINT (CSR5, bit 11)
will be set to 1. When SINT is set, INTA is asserted if
the enable bit SINTE (CSR5, bit 10) is set to 1. This
mechanism can be used to inform the driver of the sys-
tem error. The host can read the PCI Status register to
determine the exact cause of the interrupt.
Master Initiated Termination
There are three scenarios besides normal completion
of a transaction where the Am79C973/Am79C975 con-
troller will terminate the cycles it produces on the PCI
bus.
Preemption During Non-Burst Transaction
When the Am79C973/Am79C975 controller performs
multiple non-burst transactions, it keeps REQ asserted
until the assertion of FRAME for the last transaction.
When GNT is removed, the Am79C973/Am79C975
controller will finish the current transaction and then re-
lease the bus. If it is not the last transaction, REQ will
remain asserted to regain bus ownership as soon as
possible. See Figure 19.
Preemption During Burst Transaction
When the Am79C973/Am79C975 controller operates
in burst mode, it only performs a single transaction per
bus mastership period, where transaction is defined as
one address phase and one or multiple data phases.
The central arbiter can remove GNT at any time during
the transaction. The Am79C973/Am79C975 controller
will ignore the deassertion of GNT and continue with
data transfers, as long as the PCI Latency Timer is not
expired. When the Latency Timer is 0 and GNT is deas-
serted, the Am79C973/Am79C975 controller will finish
the current data phase, deassert FRAME, finish the
last data phase, and release the bus. If EXTREQ
(BCR18, bit 8) is cleared to 0, it will immediately assert
REQ to regain bus ownership as soon as possible. If
EXTREQ is set to 1, REQ will stay asserted.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL
is sampled
STOP
ADDRi
0000
0111
PAR
0111
2
3456789
11
10
ADDRi
DATA
PAR
1
21510D-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com