Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 53Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 54Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 55Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 56Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 57Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 58Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 59Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 304 page
background image
56
Am79C973/Am79C975
P R E L I M INARY
Whenever the Am79C973/Am79C975 controller is the
current bus master and a data parity error occurs, SINT
(CSR5, bit 11) will be set to 1. When SINT is set, INTA
is asserted if the enable bit SINTE (CSR5, bit 10) is set
to 1. This mechanism can be used to inform the driver
of the system error. The host can read the PCI Status
register to determine the exact cause of the interrupt.
The setting of SINT due to a data parity error is not
dependent on the setting of PERREN (PCI Command
register, bit 6).
By default, a data parity error does not affect the state
of the MAC engine. The Am79C973/Am79C975 con-
troller treats the data in all bus master transfers that have
a parity error as if nothing has happened. All network
activity continues.
Advanced Parity Error Handling
For all DMA cycles, the Am79C973/Am79C975 control-
ler provides a second, more advanced level of parity
error handling. This mode is enabled by setting APER-
REN (BCR20, bit 10) to 1. When APERREN is set to 1,
the BPE bits (RMD1 and TMD1, bit 23) are used to
indicate parity error in data transfers to the receive and
transmit buffers. Note that since the advanced parity
error handling uses an additional bit in the descriptor,
SWSTYLE (BCR20, bits 7-0) must be set to 2 or 3 to
program the Am79C973/Am79C975 controller to use
32-bit software structures. The Am79C973/Am79C975
controller will react in the following way when a data
parity error occurs:
s Initialization block read: STOP (CSR0, bit 2) is set to
1 and causes a STOP_RESET of the device.
s Descriptor ring read: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to 1 to cause a STOP_RESET
of the device.
s Descriptor ring write: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to 1 to cause a STOP_RESET
of the device.
s Transmit buffer read: BPE (TMD1, bit 23) is set in
the current transmit descriptor. Any on-going net-
work transmission is terminated in an orderly se-
quence.
s Receive buffer write: BPE (RMD1, bit 23) is set in
the last receive descriptor associated with the frame.
Terminating on-going network transmission in an or-
derly sequence means that if less than 512 bits have
been transmitted onto the network, the transmission
will be terminated immediately, generating a runt
packet.
If 512 bits or more have been transmitted, the message
will have the current FCS inverted and appended at the
next byte boundary to guarantee an FCS error is de-
tected at the receiving station.
APERREN does not affect the reporting of address
parity errors or data parity errors that occur when the
Am79C973/Am79C975 controller is the target of the
transfer.
Initialization Block DMA Transfers
During execution of the Am79C973/Am79C975 con-
troller bus master initialization procedure, the
Am79C973/Am79C975 microcode will repeatedly re-
quest DMA transfers from the BIU. During each of
these initialization block DMA transfers, the BIU will
perform two data transfer cycles reading one DWord
per transfer and then it will relinquish the bus. When
SSIZE32 (BCR20, bit 8) is set to 1 (i.e., the initialization
block is organized as 32-bit software structures), there
are seven DWords to transfer during the bus master ini-
tialization procedure, so four bus master-ship periods
are needed in order to complete the initialization se-
quence. Note that the last DWord transfer of the last
bus mastership period of the initialization sequence ac-
cesses an unneeded location. Data from this transfer is
discarded internally. When SSIZE32 is cleared to 0
(i.e., the initialization block is organized as 16-bit soft-
ware structures), then three bus mastership periods
are needed to complete the initialization sequence.
The Am79C973/Am79C975 supports two transfer
modes for reading the initialization block: non-burst and
burst mode, with burst mode being the preferred mode
when the Am79C973/Am79C975 controller is used in a
PCI bus application. See Figure 23 and Figure 24.
When BREADE is cleared to 0 (BCR18, bit 6), all initial-
ization block read transfers will be executed in non-
burst mode. There is a new address phase for every
data phase. FRAME will be dropped between the two
transfers. The two phases within a bus mastership pe-
riod will have addresses of ascending contiguous or-
der.
When BREADE is set to 1 (BCR18, bit 6), all initializa-
tion block read transfers will be executed in burst mode.
AD[1:0] will be 0 during the address phase indicating a
linear burst order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com