Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 41Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 42Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 43Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 44Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 45Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 46Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 47Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 48Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 304 page
background image
Am79C973/Am79C975
45
P R E L I M INARY
If the host is not yet ready when the Am79C973/
Am79C975 controller asserts TRDY, the device will
wait for the host to assert IRDY. When the host asserts
IRDY and FRAME is still asserted, the Am79C973/
Am79C975 controller will finish the first data phase by
deasserting TRDY one clock later. At the same time, it
will assert STOP to signal a disconnect to the host.
STOP will stay asser ted until the host removes
FRAME. See Figure 8.
Figure 8. Disconnect Of Slave Burst Transfer -
Host Inserts Wait States
Parity Error Response
When the Am79C973/Am79C975 controller is not the
current bus master, it samples the AD[31:0], C/BE[3:0],
and the PAR lines during the address phase of any PCI
command for a parity error. When it detects an address
parity error, the controller sets PERR (PCI Status reg-
ister, bit 15) to 1. When reporting of that error is en-
abled by setting SERREN (PCI Command register, bit
8) and PERREN (PCI Command register, bit 6) to 1, the
Am79C973/Am79C975 controller also drives the
SERR signal low for one clock cycle and sets SERR
(PCI Status register, bit 14) to 1. The assertion of
SERR follows the address phase by two clock cycles.
The Am79C973/Am79C975 controller will not assert
DEVSEL for a PCI transaction that has an address par-
ity error when PERREN and SERREN are set to 1. See
Figure 9.
Figure 9. Address Parity Error Response
During the data phase of an I/O write, memory-mapped
I/O write, or configuration write command that selects
the Am79C973/Am79C975 controller as target, the de-
vice samples the AD[31:0] and C/BE[3:0] lines for par-
ity on the clock edge, and data is transferred as
indicated by the assertion of IRDY and TRDY. PAR is
sampled in the following clock cycle. If a parity error is
detected and reporting of that error is enabled by set-
ting PERREN (PCI Command register, bit 6) to 1,
PERR is asserted one clock later. The parity error will
always set PERR (PCI Status register, bit 15) to 1 even
when PERREN is cleared to 0. The Am79C973/
Am79C975 controller will finish a transaction that has a
data parity error in the normal way by asserting TRDY.
The corrupted data will be written to the addressed lo-
cation.
Figure 10 shows a transaction that suffered a parity
error at the time data was transferred (clock 7, IRDY
and TRDY are both asserted). PERR is driven high at
the beginning of the data phase and then drops low due
to the parity error on clock 9, two clock cycles after the
data was transferred. After PERR is driven low, the
Am79C973/Am79C975 controller drives PERR high for
one clock cycle, since PERR is a sustained tri-state sig-
nal.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
23456
PAR
BE
PAR
PAR
BE
DATA
1st DATA
21510D-13
FRAME
CLK
AD
SERR
C/BE
DEVSEL
1
2345
PAR
PAR
ADDR
1st DATA
BE
CMD
PAR
21510D-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com