Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 30Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 31Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 32Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 33Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 34Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 35Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 304 page
background image
32
Am79C973/Am79C975
P R E L I M INARY
tus (see BCR4). The LED0 pin polarity is programma-
ble, but by default it is active LOW. When the LED0 pin
polarity is programmed to active LOW, the output is an
open drain driver. When the LED0 pin polarity is pro-
grammed to active HIGH, the output is a totem pole
driver.
Note: The LED0 pin is multiplexed with the EEDI pin.
LED1
LED1
Output
This output is designed to directly drive an LED. By de-
fault, LED1 indicates receive activity on the network.
This pin can also be programmed to indicate other net-
work status (see BCR5). The LED1 pin polarity is pro-
grammable, but by default, it is active LOW. When the
LED1 pin polarity is programmed to active LOW, the
output is an open drain driver. When the LED1 pin po-
larity is programmed to active HIGH, the output is a
totem pole driver.
Note: The LED1 pin is multiplexed with the EESK and
SFBD pins.
The LED1 pin is also used during EEPROM Auto-
Detection to determine whether or not an EEPROM is
present at the Am79C973/Am79C975 controller inter-
face. At the last rising edge of CLK while RST is active
LOW, LED1 is sampled to determine the value of the
EEDET bit in BCR19. It is important to maintain ade-
quate hold time around the rising edge of the CLK at
this time to ensure a correctly sampled value. A sam-
pled HIGH value means that an EEPROM is present,
and EEDET will be set to 1. A sampled LOW value
means that an EEPROM is not present, and EEDET
will be set to 0. See the EEPROM Auto-Detection sec-
tion for more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead in
order to resolve the EEDET setting.
WARNING: The input signal level of LED1 must be
insured for correct EEPROM detection before the
deassertion of RST.
LED2
LED2
Output
This output is designed to directly drive an LED. This
pin can be programmed to indicate various network
status (see BCR6). The LED2 pin polarity is program-
mable, but by default it is active LOW. When the LED2
pin polarity is programmed to active LOW, the output is
an open drain driver. When the LED2 pin polarity is pro-
grammed to active HIGH, the output is a totem pole
driver.
Note: The
LED2
pin
is
multiplexed
with
the
MIIRXFRTGE pin.
LED3
LED3
Output
This output is designed to directly drive an LED. By de-
fault, LED3 indicates transmit activity on the network.
This pin can also be programmed to indicate other net-
work status (see BCR7). The LED3 pin polarity is pro-
grammable, but by default it is active LOW. When the
LED3 pin polarity is programmed to active LOW, the
output is an open drain driver. When the LED3 pin po-
larity is programmed to active HIGH, the output is a
totem pole driver.
Special attention must be given to the external circuitry
attached to this pin. When this pin is used to drive an
LED while an EEPROM is used in the system, then
buffering maybe required between the LED3 pin and
the LED circuit. If an LED circuit were directly attached
to this pin, it may create an IOL requirement that could
not be met by the serial EEPROM attached to this pin.
If no EEPROM is included in the system design or low
current LEDs are used, then the LED3 signal may be
directly connected to an LED without buffering. For
more details regarding LED connection, see the sec-
tion on LED Support.
Note: The LED3 pin is multiplexed with the EEDO and
MIIRXFRTGD pins.
PG
Power Good
Input
The PG pin has two functions: (1) it puts the device into
Magic Packet™ mode, and (2) it blocks any resets
when the PCI bus power is off.
When PG is LOW and either MPPEN or MPMODE is
set to 1, the device enters the Magic Packet mode.
When PG is LOW, a LOW assertion of the PCI RST pin
will only cause the PCI interface pins (except for PME)
to be put in the high impedance state. The internal logic
will ignore the assertion of RST.
When PG is HIGH, assertion of the PCI RST pin
causes the controller logic to be reset and the configu-
ration information to be loaded from the EEPROM.
PG input should be kept high during the NAND tree
testing.
RWU
Remote Wake Up
Output
RWU is an output that is asserted either when the con-
troller is in the Magic Packet mode and a Magic Packet
frame has been detected, or the controller is in the Link
Change Detect mode and a Link Change has been de-
tected.
This pin can drive the external system management
logic that causes the CPU to get out of a low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com