Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 30Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 31Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 32Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 33Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 304 page
background image
30
Am79C973/Am79C975
P R E L I M INARY
INTA
Interrupt Request
Output
An attention signal which indicates that one or more of
the following status flags is set: EXDINT, IDON, MERR,
MISS, MFCO, MPINT, RCVCCO, RINT, SINT, TINT,
TXSTRT, UINT, MCCINT, MPDTINT, MAPINT, MRE-
INT, and STINT. Each status flag has either a mask or
an enable bit which allows for suppression of INTA as-
sertion. Table 1 shows the flag descriptions. By default
INTA is an open-drain output. For applications that
need a high-active edge-sensitive interrupt signal, the
INTA pin can be configured for this mode by setting IN-
TLEVEL (BCR2, bit 7) to 1.
When RST is active, INTA is the output for NAND tree
testing.
IRDY
Initiator Ready
Input/Output
IRDY indicates the ability of the initiator of the transac-
tion to complete the current data phase. IRDY is used
in conjunction with TRDY. Wait states are inserted until
both IRDY and TRDY are asserted simultaneously. A
data phase is completed on any clock when both IRDY
and TRDY are asserted.
When the Am79C973/Am79C975 controller is a bus
master, it asserts IRDY during all write data phases to
indicate that valid data is present on AD[31:0]. During
all read data phases, the device asserts IRDY to indi-
cate that it is ready to accept the data.
When the Am79C973/Am79C975 controller is the tar-
get of a transaction, it checks IRDY during all write data
phases to determine if valid data is present on
AD[31:0]. During all read data phases, the device
checks IRDY to determine if the initiator is ready to ac-
cept the data.
When RST is active, IRDY is an input for NAND tree
testing.
PAR
Parity
Input/Output
Parity is even parity across AD[31:0] and C/BE[3:0].
When the Am79C973/Am79C975 controller is a bus
master, it generates parity during the address and write
data phases. It checks parity during read data phases.
When the Am79C973/Am79C975 controller operates
in slave mode, it checks parity during every address
phase. When it is the target of a cycle, it checks parity
during write data phases and it generates parity during
read data phases.
When RST is active, PAR is an input for NAND tree
testing.
.
PERR
Parity Error
Input/Output
During any slave write transaction and any master read
transaction, the Am79C973/Am79C975 controller as-
serts PERR when it detects a data parity error and re-
porting of the error is enabled by setting PERREN (PCI
Command register, bit 6) to 1. During any master write
transaction, the Am79C973/Am79C975 controller
monitors PERR to see if the target reports a data parity
error.
When RST is active, PERR is an input for NAND tree
testing.
Table 1. Interrupt Flags
Name
Description
Mask Bit
Interrupt Bit
EXDINT
Excessive
Deferral
CSR5, bit 6
CSR5, bit 7
IDON
Initialization
Done
CSR3, bit 8
CSR0, bit 8
MERR
Memory Error
CSR3, bit 11
CSR0, bit 11
MISS
Missed Frame
CSR3, bit 12
CSR0, bit 12
MFCO
Missed Frame
Count Over-
flow
CSR4, bit 8
CSR4, bit 9
MPINT
Magic Packet
Interrupt
CSR5, bit 3
CSR5, bit 4
RCVCCO
Receive
Collision Count
Overflow
CSR4, bit 4
CSR4, bit 5
RINT
Receive
Interrupt
CSR3, bit 10
CSR0, bit 10
SINT
System Error
CSR5, bit 10
CSR5, bit 11
TINT
Transmit
Interrupt
CSR3, bit 9
CSR0, bit 9
TXSTRT
Transmit Start
CSR4, bit 2
CSR4, bit 3
UINT
User Interrupt
CSR4, bit 7
CSR4, bit 6
MCCINT
MII
Management
Command
Complete
Interrupt
CSR7, bit 4
CSR7, bit 5
MPDTINT
MII PHY Detect
Transition
Interrupt
CSR7, bit 0
CSR7, bit 1
MAPINT
MII Auto-Poll
Interrupt
CSR7, bit 6
CSR7, bit 7
MREINT
MII
Management
Frame Read
Error Interrupt
CSR7, bit 8
CSR7, bit 9
STINT
Software Timer
Interrupt
CSR7, bit 10
CSR7, bit 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com