Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 58Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 59Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 60Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 61Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 62Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 63Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 64Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 65Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 304 page
background image
62
Am79C973/Am79C975
P R E L I M INARY
Burst FIFO DMA Transfers
Bursting is only pe rfor med by the Am79C97 3/
Am79C975 controller if the BREADE and/or BWRITE
bits of BCR18 are set. These bits individually enable/
disable the ability of the Am79C973/Am79C975 con-
troller to perform burst accesses during master read
operations and master write operations, respectively.
A burst transaction will start with an address phase, fol-
lowed by one or more data phases. AD[1:0] will always
be 0 during the address phase indicating a linear burst
order.
During FIFO DMA read operations, all byte lanes will
always be active. The Am79C973/Am79C975 control-
ler will internally discard unused bytes. During the first
and the last data phases of a FIFO DMA burst write op-
eration, one or more of the byte enable signals may be
inactive. All other data phases will always write a com-
plete DWord.
Figure 29 shows the beginning of a FIFO DMA write
with the beginning of the buffer not aligned to a DWord
boundary. The Am79C973/Am79C975 controller starts
off by writing only three bytes during the first data
phase. This operation aligns the address for all other
data transfers to a 32-bit boundar y so that the
Am79C973/Am79C975 controller can continue burst-
ing full DWords.
If a receive buffer does not end on a DWord boundary,
the Am79C973/Am79C975 controller will perform a
non-DWord write on the last transfer to the buffer. Fig-
ure 30 shows the final three FIFO DMA transfers to a
receive buffer. Since there were only nine bytes of
space left in the receive buffer, the Am79C973/
Am79C975 controller bursts three data phases. The
first two data phases write a full DWord, the last one
only writes a single byte.
Note that the Am79C973/Am79C975 controller will al-
ways perform a DWord transfer as long as it owns the
buffer space, even when there are less than four bytes
to write. For example, if there is only one byte left for the
current receive frame, the Am79C973/Am79C975 con-
troller will write a full DWord, containing the last byte of
the receive frame in the least significant byte position
(BSWP is cleared to 0, CSR3, bit 2). The content of the
other three bytes is undefined. The message byte
count in the receive descriptor always reflects the exact
length of the received frame.
Figure 29. FIFO Burst Write At Start Of Unaligned
Buffer
The Am79C973/Am79C975 controller will continue
transferring FIFO data until the transmit FIFO is filled to
its high threshold (read transfers) or the receive FIFO
is emptied to its low threshold (write transfers), or the
Am79C973/Am79C975 controller is preempted, and
the PCI Latency Timer is expired. The host should use
the values in the PCI MIN_GNT and MAX_LAT regis-
ters to determine the value for the PCI Latency Timer.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
23456
0000
0111
PAR
PAR
PAR
DEVSEL
is sampled
0001
PAR
DATA
DATA
DATA
ADD
21510D-34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com