Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 35Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 36Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 37Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 38Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 39Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 40Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 41Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 42Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 304 page
background image
Am79C973/Am79C975
39
P R E L I M INARY
BASIC FUNCTIONS
System Bus Interface
The Am79C973/Am79C975 controllers are designed
to operate as a bus master during normal operations.
Some slave I / O accesses to th e Am79 C973/
Am79C975 controllers are required in normal opera-
tions as we ll. In itialization of the Am79C973/
Am79C975 controllers are achieved through a combi-
nation of PCI Configuration Space accesses, bus slave
accesses, bus master accesses, and an optional read
of a ser ial EEPROM that is pe rfor med by the
Am79C973/Am79C975 controllers. The EEPROM
read operation is performed through the 93C46 EE-
PROM interface. The ISO 8802-3 (IEEE/ANSI 802.3)
Ethernet Address may reside within the serial EE-
PROM. Some Am79C973/Am79C975 controller con-
figuration registers may also be programmed by the
EEPROM read operation.
The Address PROM, on-chip board-configuration reg-
isters, and the Ethernet controller registers occupy 32
bytes of address space. I/O and memory mapped I/O
accesses are supported. Base Address registers in the
PCI configuration space allow locating the address
space on a wide variety of starting addresses.
For diskless stations, the Am79C973/Am79C975 con-
trollers support a ROM or Flash-based (both referred to
as the Expansion ROM throughout this specification)
boot device of up to 1 Mbyte in size. The host can map
the boot device to any memory address that aligns to a
1-Mbyte boundary by modifying the Expansion ROM
Base Address register in the PCI configuration space.
Software Interface
The software interface to the Am79C973/Am79C975
controllers are divided into three parts. One part is the
PCI configuration registers used to identify the
Am79C973/Am79C975 controllers and to setup the
configuration of the device. The setup information in-
cludes the I/O or memory mapped I/O base address,
mapping of the Expansion ROM, and the routing of the
Am79C973/Am79C975 controller interrupt channel.
This allows for a jumperless implementation.
The second portion of the software interface is the di-
rect access to the I/O resources of the Am79C973/
Am79C975 controllers. The Am79C973/Am79C975
controllers occupy 32 bytes of address space that must
begin on a 32-byte block boundary. The address space
can be mapped into I/O or memory space (memory
mapped I/O). The I/O Base Address Register in the
PCI Configuration Space controls the start address of
the address space if it is mapped to I/O space. The
Memory Mapped I/O Base Address Register controls
the start address of the address space if it is mapped
to memory space. The 32-byte address space is used
by the software to program the Am79C973/Am79C975
controller operating mode, to enable and disable vari-
ous features, to monitor operating status, and to re-
quest particular functions to be executed by the
Am79C973/Am79C975 controllers.
The third portion of the software interface is the de-
scriptor and buffer areas that are shared between the
software and the Am79C973/Am79C975 controllers
during normal network operations. The descriptor area
boundaries are set by the software and do not change
during normal network operations. There is one de-
scriptor area for receive activity and there is a separate
area for transmit activity. The descriptor space contains
relocatable pointers to the network frame data, and it is
used to transfer frame status from the Am79C973/
Am79C975 controllers to the software. The buffer
areas are locations that hold frame data for transmis-
sion or that accept frame data that has been received.
Network Interfaces
The Am79C973/Am79C975 controllers provide all of
the PHY layer functions for 10 Mbps (10BASE-T) or
100 Mbps (100BASE-TX). It also provides a Pseudo
ECL (PECL) interface for 100BASE-FX fiber networks.
The Am79C973/Am79C975 controllers support both
half-duplex and full-duplex operation on network inter-
faces.
Serial Management Interface
(Am79C975)
The Am79C975 controller provides a 3-pin interface
based on the I2C and SMBus standards that enables a
system to monitor the status of the system hardware
and report the results to the management station or
system administrator. Monitored information may in-
clude critical system parameters, such as voltage, tem-
p e r a t u re , a n d fan sp ee d, a s w e ll as syst em
management events, such as chassis intrusion, operat-
ing system errors and power-on failures.
MII Interface
The Am79C973/Am79C975 supports an MII interface
mo de tha t ma ke s th e de v i c e op er ate l i k e a
PCnet-FAST+ device. The MII pins are multiplexed with
the expansion bus pins, which means the device will
only support either an EPROM/Flash or an external
PHY but not both. To enter this mode, set PHYSELEN
(BCR2, bit 13) = 1 and PHYSEL (BCR18, bit 4 and
bit 3) = 10. This mode isolates the internal PHY to allow
interface with an external PHY. For a more detailed de-
scription of the MII interface including timing diagrams
see Appendix C. Refer to the connection diagram to
see how the pins are multiplexed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com