Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 271 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 271 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 267Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 268Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 269Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 270Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 271Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 272Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 273Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 274Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 275Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 304 page
background image
Am79C973/Am79C975
271
P R E L I M INARY
PHY by generating MII management frames. These
frames will be sent roughly every 900 ms. These
frames are necessary so that the Network Port Man-
ager can monitor the current active link and can select
a different network port if the current link goes down.
Auto-Negotiation
Through the external PHY, the following capabilities are
possible: 100BASE-T4, 100BASE-TX Full-/Half-Du-
plex, and 10BASE-T Full-/Half-Duplex. The capabilities
are then sent to a link partner that will also send its ca-
pabilities. Both sides look to see what is possible and
then they will connect at the greatest possible speed
and capability as defined in the IEEE 802.3u standard
and according to Table C-68.
By default, the link partner must be at least 10BASE-T
half-duplex capable. The Am79C973/Am79C975 con-
troller can automatically negotiate with the network and
yield the highest performance possible without soft-
ware support. See the section on Network Port Man-
ager for more details.
Auto-Negotiation goes further by providing a message-
based communication scheme called, Next Pages, be-
fore connecting to the Link Partner. This feature is not
suppor ted in Am79C973/Am79C975 unless the
DANAS (BCR32, bit 10) is selected and the software
driver is capable of controlling the external PHY. A com-
plete bit description of the MII and Auto-Negotiation
registers can be found in the MII Management Regis-
ters section.
Automatic Network Port Selection
If ASEL (BCR2, bit 0) is set to 1 and DANAS (BCR 32,
bit 7) is set to 0, then the Network Port Manager will
start to configure the external PHY if it detects the ex-
ternal PHY on the MII Interface.
Automatic Network Selection: Exceptions
If ASEL (BCR2, bit 0) is set to 0 or DANAS (BCR 32, bit
7) is set to 1, then the Network Port Manager will dis-
continue actively trying to establish the connections. It
is assumed that the software driver is attempting to
configure the network por t and the Am79C973/
Am79C975 controller will always defer to the software
driver. When The ASEL is set to 0, the software driver
should then configure the por ts with PORTSEL
(CSR15, bits 7-8).
Note:
It is highly recommended that ASEL and
PORTSEL be used when trying to manually configure
a specific network port.
In order to manually configure the External PHY, the
recommended procedure is to force the PHY config-
urations when Auto-Negotiation is not enabled. Set the
DANAS bit (BCR32, bit 7) to turn off the Network Port
Manager. Then clear the XPHYANE (BCR32, bit 5) and
set either XPHYFD (BCR32, bit 4) or XPHYSP
(BCR32, bit 3) or both. The Network Port Manager will
send a few MII frames to the PHY to validate the con-
figuration.
CAUTION: The Network Port Manager utilizes the
PHYADD (BCR33, bits 9-5) to communicate with the
external PHY during the automatic port selection pro-
cess. The PHYADD is copied into a shadow register
after the Am79C973/Am79C975 controller has read
the configuration information from the EEPROM. Ex-
treme care must be exercised by the host software not
to access BCR33 during this time. A read of PVALID
(BCR19, bit 15) before accessing BCR33 will guaran-
tee that the PHYADD has been shadowed.
Am79C973/Am79C975’s Automatic Network Port se-
lection mechanism falls within the following general
categories:
n External PHY Not Auto-Negotiable
n External PHY Auto-Negotiable
Automatic Network Selection: External PHY Not
Auto-Negotiable
This case occurs when the MIIPD (BCR32, bit 14) bit is
1. This indicates that there is an external PHY attached
to Am79C973/Am79C975 controller’s MII. If more than
one external PHY is attached to the MII Management
Interface, then the DANAS (BCR32, bit 7) bit must be
set to 1 and then all configuration control should revert
to software. The Am79C973/Am79C975 controller will
read the register of the external PHY to determine its
status and network capabilities. See the MII Manage-
ment Registers section for the bit descriptions of the
MII Status register. If the external PHY is not Auto-Ne-
gotiation capable and/or the XPHYANE (BCR32, bit 5)
bit is set to 0, then the Network Port Manager will match
up the external PHY capabilities with the XPHYFD
(BCR 32, bit 4) and the XPHYSP (BCR32, bit 3) bits
programmed from the EEPROM. The Am79C973/
Am79C975 controller will then program the external
PHY with those values. A new read of the external
PHYs MII Status register will be made to see if the link
is up. If the link does not come up as programmed after
a specific time, the Am79C973/Am79C975 controller
will fail the external PHY link. The Network Port Man-
Table 68. Auto-Negotiation Capabilities
Network Speed
Physical Network Type
200 Mbps
100BASE-X, Full Duplex
100 Mbps
100BASE-T4, Half Duplex
100 Mbps
100BASE-X, Half Duplex
20 Mbps
10BASE-T, Full Duplex
10 Mbps
10BASE-T, Half Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com