Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 276 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 276 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 272Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 273Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 274Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 275Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 276Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 277Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 278Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 279Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 280Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 304 page
background image
276
Am79C973/Am79C975
P R E L I M INARY
Auto-Negotiation Advertisement
Register (Register 4)
The purpose of this register is to advertise the technol-
ogy ability to the link partner device. See Table C-73.
When this register is modified, Restart Auto-Negotia-
tion (Register 0, bit 9) must be enabled to guarantee
the change is implemented.
Table 73. Auto-Negotiation Advertisement Register (Register 4)
Technology Ability Field Bit Assignments
The technology bit field consists of bits A0-A7 in the
IEEE 802.3 Selector Base Page. Table C-74 summa-
rizes the bit assignments.
Table 74. Technology Ability Field Bit
Assignments
Bit(s)
Name
Description
Read/
Write
15
Next Page
When set, the device wishes to engage in next page exchange. If clear, the
device does not wish to engage in next page exchange.
R/W
14
Reserved
RO
13
Remote Fault
When set, a remote fault bit is inserted into the base link code word during
the Auto Negotiation process. When cleared, the base link code word will
have the bit position for remote fault as cleared.
R/W
12:5
Technology Ability
Link partner technology ability field.
RO
4:0
Selector Field
Link partner selector field.
RO
Bit
Technology
A0
10BASE-T
A1
10BASE-T Full Duplex
A2
100BASE-TX
A3
100BASE-TX Full Duplex
A4
100BASE-T4
A5
Reserved for future technology
A6
Reserved for future technology
A7
Reserved for future technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com