Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 146 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 146 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 149Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 150Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 304 page
background image
146
Am79C973/Am79C975
P R E L I M INARY
Am79C975 controller to use 32-
bit software structures.
APERREN does not affect the re-
porting of address parity errors or
data parity errors that occur when
the Am79C973/Am79C975 con-
troller is the target of the transfer.
Read anytime, write accessible
only when either the STOP or the
SPND bit is set. APERREN is
cleared by H_RESET and is not
affected by S_RESET or STOP.
9
RES
Reserved locations. Written as
zeros and read as undefined.
8
SSIZE32
Software Size 32 bits. When set,
this
bit
indicates
that
the
Am79C973/Am79C975 controller
utilizes 32-bit software structures
for the initialization block and the
transmit and receive descriptor
entries. When cleared, this bit in-
dicates
that
the
Am79C973/
Am79C975 controller utilizes 16-
bit software structures for the ini-
tialization block and the transmit
and receive descriptor entries. In
this
mode,
the
Am79C973/
Am79C975 controller is back-
wards
compatible
with
the
Am7990 LANCE and Am79C960
PCnet-ISA controllers.
The value of SSIZE32 is deter-
mined
by
the
Am79C973/
Am79C975 controller according
to the setting of the Software
Style (SWSTYLE, bits 7-0 of this
register).
Read
accessible
always.
SSIZE32 is read only; write oper-
ations will be ignored. SSIZE32
will be cleared after H_RESET
(since SWSTYLE defaults to 0)
and is not affected by S_RESET
or STOP.
If SSIZE32 is reset, then bits
IADR[31:24] of CSR2 will be
used to generate values for the
upper 8 bits of the 32-bit address
bus during master accesses initi-
ated
by
the
Am79C973/
Am79C975 controller. This action
is required, since the 16-bit soft-
ware structures specified by the
SSIZE32 = 0 setting will yield
only 24 bits of address for the
Am79C973/Am79C975 controller
bus master accesses.
If SSIZE32 is set, then the soft-
ware structures that are common
to
the
Am79C973/Am79C975
controller and the host system
will supply a full 32 bits for each
address pointer that is needed by
the Am79C973/Am79C975 con-
troller for performing master ac-
cesses.
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
defined width for I/O resources.
I/O resource width is determined
by the state of the DWIO bit
(BCR18, bit 7).
7-0
SWSTYLE
Software Style register. The val-
ue in this register determines the
style of register and memory re-
sources that shall be used by the
Am79C973/Am79C975
control-
ler. The Software Style selection
will affect the interpretation of a
few bits within the CSR space,
the order of the descriptor entries
and the width of the descriptors
and initialization block entries.
All Am79C973/Am79C975 con-
troller CSR bits and BCR bits and
all descriptor, buffer, and initial-
ization block entries not cited in
Table 25 are unaffected by the
Software Style selection and are,
therefore, always fully functional
as specified in the CSR and BCR
sections.
Read/Write accessible only when
either the STOP or the SPND bit
is set. The SWSTYLE register will
contain the value 00h following
H_RESET and will be unaffected
by S_RESET or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com