Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 152Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 153Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 154Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 155Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 156Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 157Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 158Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 159Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 304 page
background image
156
Am79C973/Am79C975
P R E L I M INARY
bit is set. Cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
1
RWU_POL
RWU Pin Polarity. If RWU_POL
is set to 1, the RWU pin is normal-
ly HIGH and asserts LOW; other-
wise RWU is normally LOW and
asserts HIGH.
Read/Write accessible only when
either the STOP bit or the SPND
bit is set. Cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
0
RST_POL
PHY_RST Pin Polarity. If the
PHY_POL
is
set
to
1,
the
PHY_RST pin is active LOW; oth-
erwise PHY_RST is active HIGH.
Read/Write accessible only when
either the STOP bit or the SPND
bit is set. Cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
CSR122: Advanced Feature Control
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-1
RES
Reserved locations. Written as
zeros and read as undefined.
0
RCVALGN
Receive Packet Align. When set,
this bit forces the data field of ISO
8802-3 (IEEE/ANSI 802.3) pack-
ets to align to 0 MOD 4 address
boundaries (i.e., DWord aligned
addresses). It is important to note
that this feature will only function
correctly if all receive buffer
boundaries are DWord aligned
and all receive buffers have 0
MOD 4 lengths. In order to ac-
complish the data alignment, the
Am79C973/Am79C975 controller
simply inserts two bytes of ran-
dom data at the beginning of the
receive packet (i.e., before the
ISO 8802-3 (IEEE/ANSI 802.3)
destination address field). The
MCNT field reported to the re-
ceive descriptor will not include
the extra two bytes.
Read/Write accessible always.
RCVALGN
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
CSR124: Test Register 1
This register is used to place the Am79C973/
Am79C975 controller into various test modes. The Runt
Packet Accept is the only user accessible test mode. All
other test modes are for AMD internal use only.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-4
RES
Reserved locations. Written as
zeros and read as undefined.
3
RPA
Runt Packet Accept. This bit
forces
the
Am79C973/
Am79C975 controller to accept
runt packets (packets shorter
than 64 bytes).
Read accessible always; write
accessible only when STOP is
set to 1. RPA is cleared by
H_RESET or S_RESET and is
not affected by STOP.
2-0
RES
Reserved locations. Written as
zeros and read as undefined.
CSR125: MAC Enhanced Configuration Control
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-8
IPG
Inter Packet Gap. Changing IPG
allows the user to program the
Am79C973/Am79C975 controller
for aggressiveness on a network.
By changing the default value of
96 bit times (60h) the user can
adjust the fairness or aggressive-
ness
of
the
Am79C973/
Am79C975 MAC on the network.
By programming a lower number
of bit times other then the ISO/
IEC 8802-3 standard requires,
the Am79C973/Am79C975 MAC
will become more aggressive on
the network. This aggressive na-
ture
will
give
rise
to
the
Am79C973/Am79C975 controller
possibly “capturing the network”
at times by forcing other less ag-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com