Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 175 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 175 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 171Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 172Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 173Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 174Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 175Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 176Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 179Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 304 page
background image
Am79C973/Am79C975
175
P R E L I M INARY
and is not affected by S_RESET
or STOP.
4-3
PHYSEL[1:0]
PHYSEL[1:0] bits allow for soft-
ware controlled selection of differ-
ent operation and test modes.
The normal mode of operation is
when both bits 0 and 1 are set to
0 to select the Expansion ROM/
Flash. Setting bit 0 to 1 and bit 1
to 0 allows snooping of the inter-
nal MII-compatible bus to allow
External Address Detection Inter-
face
(EADI).
Setting
PHY-
SEL[1:0]
=
10
enables
the
external MII mode. Since the in-
ternal 10/100 PHY is disabled in
this
mode,
the
Am79C973/
Am79C975 controller behaves
like an Am79C972 PCnet-FAST+
device. Tehese controllers are
not designed to support two
PHYs at a time as only one PHY
can be used at a given time. An
external or internal PHY can be
used by reconfiguring the EE-
PROM or the BCI18 register. See
the following table for details.
Read accessible always, these
bits can only be written from the
EEPROM unless a write-enable
bit BCR2[13], is set. PHYSEL
[1:0] is cleared by H_RESET and
is not affected by S_RESET or
STOP.
2-0
LINBC
Reserved locations. Read acces-
sible always; write accessible
only when either the STOP or the
SPND bit is set. After H_RESET,
the value in these bits will be
001b. The setting of these bits
have
no
effect
on
any
Am79C973/Am79C975 controller
function. LINBC is not affected by
S_RESET or STOP.
BCR19: EEPROM Control and Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PVALID
EEPROM Valid status bit. Read
accessible only. PVALID is read
only; write operations have no ef-
fect. A value of 1 in this bit indi-
cates that a PREAD operation
has occurred, and that (1) there is
an EEPROM connected to the
Am79C973/Am79C975 controller
interface pins and (2) the con-
tents read from the EEPROM
have passed the checksum verifi-
cation operation.
A value of 0 in this bit indicates a
failure in reading the EEPROM.
The checksum for the entire 82
bytes of EEPROM is incorrect or
no EEPROM is connected to the
interface pins.
PVALID
is
set
to
0
during
H_RESET and is unaffected by
S_RESET or the STOP bit. How-
ever, following the H_RESET op-
eration, an automatic read of the
EEPROM will be performed. Just
as is true for the normal PREAD
command, at the end of this auto-
matic read operation, the PVALID
bit may be set to 1. Therefore,
H_RESET will set the PVALID bit
to 0 at first, but the automatic EE-
PROM read operation may later
set PVALID to a 1.
If PVALID becomes 0 following
an EEPROM read operation (ei-
ther automatically generated af-
ter
H_RESET,
or
requested
through PREAD), then all EE-
PROM-programmable BCR loca-
tions
will
be
reset
to
their
H_RESET values. The content of
the Address PROM locations,
however, will not be cleared.
If no EEPROM is present at the
EESK, EEDI, and EEDO pins,
then all attempted PREAD com-
mands will terminate early and
PVALID will not be set. This ap-
plies to the automatic read of the
PHYSEL [1:0]
Mode
00
Expansion ROM/Flash - Normal Mode
01
EADI/Internal MII Snoop Mode
10
Full MII Mode - An External PHY
Required
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com