Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 30 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 26Page - Texas Instruments THS8083APZP Datasheet HTML 27Page - Texas Instruments THS8083APZP Datasheet HTML 28Page - Texas Instruments THS8083APZP Datasheet HTML 29Page - Texas Instruments THS8083APZP Datasheet HTML 30Page - Texas Instruments THS8083APZP Datasheet HTML 31Page - Texas Instruments THS8083APZP Datasheet HTML 32Page - Texas Instruments THS8083APZP Datasheet HTML 33Page - Texas Instruments THS8083APZP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
3−17
3.11.23 Register Name: DTO_INC_2
Subaddress: 16 (R)
DTO_INC23
MSB
LSB
DTO_INC22
DTO_INC21
DTO_INC20
DTO_INC19
DTO_INC18
DTO_INC17
DTO_INC16
DTOINC[23..16]:
See register DTO_INC_0
Default: (changed during operation)
3.11.24 Register Name: DTO_INC_3
Subaddress: 17 (R)
DTO_INC31
MSB
LSB
DTO_INC30
DTO_INC29
DTO_INC28
DTO_INC27
DTO_INC26
DTO_INC25
DTO_INC24
DTO_INC[31..24]:
See register DTO_INC_0.
Default: (changed during operation)
3.11.25 Register Name: DTO_INC_4
Subaddress: 18 (R)
X
MSB
LSB
X
X
X
X
X
X
DTO_INC32
DTO_INC32:
See register DTO_INC_0.
Default: (changed during operation)
3.11.26 Register Name: SYNC_DETECT
Subaddress: 19 (R)
X
MSB
LSB
X
X
X
X
X
X
NO_SYNC
NO_SYNC:
Sync detection on HS.
0 = HS present
1 = HS missing
Default: (changed during operation)
3.11.27 Register Name: CLP_CTRL
Subaddress: 20 (R/W)
MSB
LSB
CLPSEL
CLP1_EN
CLP1_RG
CLP2_EN
CLP2_RG
CLP3_EN
CLP3_RG
CLPSEL
Selects the clamp timing signal
0: internal clamp timing pulse is selected (default)
1: external clamp timing pulse is selected
CLP1_EN: Enables/disables clamping on channel 1
1: enable (default)
0: disable
CLP1_RG: Sets the clamp range for channel 1
1: middle range
0: bottom range (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com