Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 11 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 7Page - Texas Instruments THS8083APZP Datasheet HTML 8Page - Texas Instruments THS8083APZP Datasheet HTML 9Page - Texas Instruments THS8083APZP Datasheet HTML 10Page - Texas Instruments THS8083APZP Datasheet HTML 11Page - Texas Instruments THS8083APZP Datasheet HTML 12Page - Texas Instruments THS8083APZP Datasheet HTML 13Page - Texas Instruments THS8083APZP Datasheet HTML 14Page - Texas Instruments THS8083APZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
2−6
1.7
THS8083A Terminal Functions Order (Continued)
TERMINAL
I/O/B†
TYPE‡
DESCRIPTION
NAME
NO.
I/O/B†
TYPE‡
DESCRIPTION
CLOCK I/O
XTL1_MCLK
20
I
A
Master crystal connection 1 (connects 14.318-MHz crystal) or master clock input (at
14.318 MHz)
XTL2
22
O
A
Master crystal connection 2 (connects 14.318-MHz crystal)
DATACLK1
54
O
D
1st clock output: DATACLK1
The rising edge of this clock can be used by an external device to clock in THS8083A output
data in all modes (see output timing diagrams in Section 4 for more details).
ADCCLK2
53
O
D
2nd clock output: ADCCLK
This clock output is equal to the clock of the ADC converter, optionally inverted and/or
divided-by-2.
DTOCLK3
52
O
D
3rd clock output: DTOCLK.
This clock output is the output of the DTO.
EXT_ADCCLK
56
I
D
External clock input for A/D channels, at pixel clock frequency
ANALOG SIGNAL I/O
CH1_IN
81
I
A
Analog input channel 1. Since this channel includes the composite sync slicer and is not
downsampled in 4:2:2 mode, this channel should be used for green or luminance input, if any
of these features are used.
CH2_IN
88
I
A
Analog input channel 2. In YUV 4:2:2 sampling mode, Pb should be connected to this input to
generate a ITU.BT-601 style output.
CH3_IN
95
I
A
Analog input channel 3. In YUV 4:2:2 sampling mode, Pr should be connected to this input to
generate a ITU.BT-601 style output.
VREFBO_CH1
82
B
A
Reference voltage bottom output channel 1. In normal operation: output. For a specific
configuration, this terminal becomes an input terminal (see Powerdown section in Functional
Description).
VREFTO_CH1
83
B
A
Reference voltage top output channel 1. In normal operation it is an output. For a specific
configuration, this terminal becomes an input terminal (see Powerdown section in Functional
Description).
VREFBO_CH2
89
B
A
Reference voltage bottom output channel 2. See VREFBO_CH1.
VREFTO_CH2
90
B
A
Reference voltage top output channel 2. See VREFTO_CH1.
VREFBO_CH3
96
B
A
Reference voltage bottom output channel 3. See VREFBO_CH1.
VREFTO_CH3
97
B
A
Reference voltage top output channel 3. See VREFTO_CH1.
VMID
73
B
A
Midlevel input range (input common mode). In normal operation it is an output. For a specific
configuration, this terminal becomes an input terminal (see Powerdown section in Functional
Description).
VCM
72
O
A
Common mode voltage output (approximately 1.5 V)
DIGITAL SIGNAL I/O
CH1A0
42
O
D
Display output channel 1, bus A, bit 0 (LSB)
CH1A1
43
O
D
Display output channel 1, bus A, bit 1
CH1A2
44
O
D
Display output channel 1, bus A, bit 2
CH1A3
45
O
D
Display output channel 1, bus A, bit 3
CH1A4
46
O
D
Display output channel 1, bus A, bit 4
CH1A5
47
O
D
Display output channel 1, bus A, bit 5
CH1A6
48
O
D
Display output channel 1, bus A, bit 6
CH1A7
49
O
D
Display output channel 1, bus A, bit 7 (MSB)
CH1B0
63
O
D
Display output channel 1, bus B, bit 0 (LSB)
CH1B1
64
O
D
Display output channel 1, bus B, bit 1
† I = input to device: O = output from device B = bidirectional
‡ A = analog pin: D = digital pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com