Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 16 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 12Page - Texas Instruments THS8083APZP Datasheet HTML 13Page - Texas Instruments THS8083APZP Datasheet HTML 14Page - Texas Instruments THS8083APZP Datasheet HTML 15Page - Texas Instruments THS8083APZP Datasheet HTML 16Page - Texas Instruments THS8083APZP Datasheet HTML 17Page - Texas Instruments THS8083APZP Datasheet HTML 18Page - Texas Instruments THS8083APZP Datasheet HTML 19Page - Texas Instruments THS8083APZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
3−3
Alternatively, if an external sync separator is present that generates HS and VS from CS, the separated signals can
be fed to the corresponding inputs on the THS8083A and PFD_FREEZE can be left unused. As long as HS has one
pulse per line, the PLL can lock correctly and the HS frequency monitoring register will return the correct value. VS
is only used by the field/frame frequency monitoring register and this will return the correct value as long as VS has
one pulse per field/frame. Both options are shown in Figure 2−4.
Ext. Logic
PFD_FREEZE
CS
THS8083A
HS
Frame Period
PFD_FREEZE High in VBI on Lines Where CS
Has Multiple Rising/Falling Edges Per Line
Option 1: Using PFD_FREEZE
Sync.
Separator
CS
THS8083A
HS
Option 2: Using HS Derived From CS
PFD_FREEZE
VS
Figure 3−4. Using THS8083A With a Composite Sync
as Note that the slicer only works when no video levels are lower than the blanking level and when the internal clamp
circuit is used. This is normally satisfied for G and Y channels, but not for U and V channels. To prevent unnecessary
toggling of the CS output signal, the CS output is switched off (i.e. HI-Z) automatically when mid-level clamping is
chosen for channel 1 (i.e., CLP1_RG=1 in register <CLP_CTRL>).
The source for the slicer is either Ch1 or the dedicated input CS_IN, as selected by register CS_SEL. It is
recommended to use the dedicated input by ac-coupling the Y/G signal input to both Ch1 and CS_IN (using
independent coupling capacitors). The THS8083A performs independent clamping on both inputs.
NOTE:In this revision-A silicon, PDF_FREEZE keeps the DTO output frequency constant and
disables the phase-frequency detector (PFD) from internally updating its error value at every
active edge of HS (this was not the case in prerevision-A versions). Therefore, when
PFD_FREEZE is asserted, the PLL effectively ignores incoming pulses on the HS terminal.
In this revision-A silicon, users do not need to provide an external dc biasing to the Y/G channel
since now a dedicated input terminal for composite sync slicing is provided. This was not the
case in prerevision-A versions, where the sync could only be extracted from Channel1 and a
clamp diode had to be used to establish an initial clamping level. This method is described in
the following section.
When using the dedicated CS_IN terminal, the G/Y signal should be ac-coupled to this terminal
independently from Ch1, i.e., the G/Y signal is routed via a coupling capacitor to CS_IN and
via a second coupling capacitor to Ch1. This is because the THS8083A imposes an
independent (programmable) clamp level for the sync input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com