Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 59 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 59 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 55Page - Texas Instruments THS8083APZP Datasheet HTML 56Page - Texas Instruments THS8083APZP Datasheet HTML 57Page - Texas Instruments THS8083APZP Datasheet HTML 58Page - Texas Instruments THS8083APZP Datasheet HTML 59Page - Texas Instruments THS8083APZP Datasheet HTML 60Page - Texas Instruments THS8083APZP Datasheet HTML 61Page - Texas Instruments THS8083APZP Datasheet HTML 62Page - Texas Instruments THS8083APZP Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
A−7
Mode #17: 1024x768 at 85 Hz
→ fpix = 94.5 MHz, N = 1376
REGISTER NAME
VALUE
(DEC)
VALUE
(HEX)
REGISTER VALUE
(HEX)
TERM_CNT_0
1376
560
60
TERM_CNT_1
1376
560
05
NOM_INC_0
68
NOM_INC_1
c8
NOM_INC_2
19.393937
13.326c868
26
NOM_INC_3
19.393937
13.326c868
9b
NOM_INC_4
0
VCO_DIV
8
8
03
SEL_CLK
2
2
01
DTV MODES
1080I
→ fpix = 74.25 MHz, N = 2200
REGISTER NAME
VALUE
(DEC)
VALUE
(HEX)
REGISTER VALUE
(HEX)
TERM_CNT_0
2200
898
98
TERM_CNT_1
2200
898
08
NOM_INC_0
9b
NOM_INC_1
2d
NOM_INC_2
24.683192
18.5772d9b
77
NOM_INC_3
24.683192
18.5772d9b
c5
NOM_INC_4
0
VCO_DIV
8
8
03
SEL_CLK
2
2
01
720P
→ fpix = 74.25 MHz, N = 1650
REGISTER NAME
VALUE
(DEC)
VALUE
(HEX)
REGISTER VALUE
(HEX)
TERM_CNT_0
1650
672
72
TERM_CNT_1
1650
672
06
NOM_INC_0
9b
NOM_INC_1
2d
NOM_INC_2
24.683192
18.5772d9b
77
NOM_INC_3
24.683192
18.5772d9b
c5
NOM_INC_4
0
VCO_DIV
8
8
03
SEL_CLK
2
2
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com