Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 47 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 47 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 43Page - Texas Instruments THS8083APZP Datasheet HTML 44Page - Texas Instruments THS8083APZP Datasheet HTML 45Page - Texas Instruments THS8083APZP Datasheet HTML 46Page - Texas Instruments THS8083APZP Datasheet HTML 47Page - Texas Instruments THS8083APZP Datasheet HTML 48Page - Texas Instruments THS8083APZP Datasheet HTML 49Page - Texas Instruments THS8083APZP Datasheet HTML 50Page - Texas Instruments THS8083APZP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
6−4
6.4.4
I2C Interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low-level input voltage
0.99
V
VIH
High-level input voltage
2.31
V
f(SCL)
SCL clock frequency
0
400†/100‡
kHz
t(LOW)
Low period of SCL
Valid for I2C fast mode support only.
1.3
µs
t(HIGH)
High period of SCL
Valid for I2C fast mode support only.
See footnotes to SCL clock frequency.
0.6
µs
th(DATA)
Data hold time
0§
µs
tsu(DATA)
Data setup time
100¶
µs
C(b)
Capacitive load for each bus line#
400
pF
† For DTO clock frequencies 25 MHz minimum (I2C fast mode)
‡ For DTO clock frequencies below 25 MHz (I2C normal mode)
§ The device must internally provide a hold time of 300 ns for the SDA signal (referred to VIH(min) of the SCL signal) in order to bridge the undefined
region of the falling edge of SCL.
¶ If the device is used in a standard mode I2C system, the requirement of tsu(DATA)>=250 ns must be met.
# Cb= total capacitance of one bus line in pF
6.4.5
ADC Channel
6.4.5.1 DC Accuracy†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integral nonlinearity (INL)
PLL (see Note 7)
−2
±1
2
LSB
Integral nonlinearity (INL)
PLL (see Note 7)
−2
±1
2
LSB
Differential nonlinearity (DNL)
PLL (see Note 8)
−1
1.5
LSB
Differential nonlinearity (DNL)
PLL (see Note 8)
−1
1.5
LSB
No missing codes
Assured
Gain error
ADC_INTREF (see Note 9)
60
mV
Offset error
ADC_INTREF (see Note 10)
60
mV
† Assured at nominal voltage supply levels only.
NOTES:
7. Integral nonlinearity (INL) —Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full
scale. The point used as zero occurs 1/2 LSB before the first code transition. The full-scale point is defined as a level 1/2 LSB beyond
the last code transition. The deviation is measured from the center of each particular code to the true straight line between these
two end points.
8. Differential nonlinearity (DNL)—An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this
ideal value. Therefore, this measure indicates how uniform the transfer function step sizes are. The ideal step size is defined here
as the step size for the device under test (i.e., last transition level − first transition level)/(2n − 2). Using this definition for DNL
separates the effects of gain and offset error. A DNL of less than
±1 LSB ensures no missing codes. A DNL of less than ±1/2 LSB
assures monotonic behavior.
9. Gain error—The first code transition should occur for an analog value 1/2 LSB above nominal negative full scale (the voltage applied
to the REFBI terminal). The last transition should occur for an analog value 1/2 LSB below nominal positive full scale (the voltage
applied to the REFTI terminal). Gain error is defined here as the deviation from the ideal location of the highest transition level on
the ADC transfer function.
10. Offset error—The first code transition should occur at a level 1/2 LSB above zero. Offset is defined as the deviation of the actual
first code transition from that point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com