Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 28 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 24Page - Texas Instruments THS8083APZP Datasheet HTML 25Page - Texas Instruments THS8083APZP Datasheet HTML 26Page - Texas Instruments THS8083APZP Datasheet HTML 27Page - Texas Instruments THS8083APZP Datasheet HTML 28Page - Texas Instruments THS8083APZP Datasheet HTML 29Page - Texas Instruments THS8083APZP Datasheet HTML 30Page - Texas Instruments THS8083APZP Datasheet HTML 31Page - Texas Instruments THS8083APZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
3−15
3.11.16 Register Name: PLL_CTRL
Subaddress: 0F (R/W)
X
MSB
LSB
X
DISABLE_PFD
SEL_ADCCLK
INV2
DIV2
INV3
DIV3
DISABLE_PFD:
Disables updating of the DTO increment (i.e., keeps DTO output frequency constant and independent of the
incoming HS frequency). This effect is similar as opening the PLL loop.
0 = PFD enabled
1 = PFD disabled (default): the DTO runs at a constant frequency, as determined by NOM_INC. This means
the output frequency returns to the nominal value and further updating of the DTO output frequency is
avoided (the PLL loop is open). This is chosen as the default mode to avoid false random frequency changes
by the DTO caused by noise on the HS input. In normal operation the microprocessor periodically checks
the SYNC_DETECT register. If sync is present/absent, then the PFD is enabled/disabled so, frequency drift
is avoided when no input signal is present. Still the panel can be driven then by data with a nominal pixel
frequency.
SEL_ADCCLK:
Selects the PLL clock or the clock signal on the EXT_ADCCLK pin, as the clock source for the ADC channels
0: internal clock selected (default)
1: external clock selected
INV2 :
Selects inverting or noninverting clock output on ADCCLK2 output pin
0: the output is not inverted (default) with respect to the internal ADCCLK1 clock
1: the output is inverted with respect to the internal ADCCLK1 clock
DIV2:
Enables divide-by-2 function on the clock output of ADCCLK2
0: divide by 2 mechanism is disabled (default)
1: divide by 2 mechanism is enabled
INV3:
Selects inverting or noninverting output on DTOCLK3, with respect to the internal DTOCLK3 clock
0: the output is not inverted (default)
1: the output is inverted
DIV3:
Enables divide-by-2 function on the clock output of DTOCLK3
0: divided by 2 mechanism is disabled (default)
1: divided by 2 mechanism is enabled
3.11.17 Register Name: HS_COUNT_0
Subaddress: 10 (R)
HS_COUNT7
MSB
LSB
HS_COUNT6
HS_COUNT5
HS_COUNT4
HS_COUNT3
HS_COUNT2
HS_COUNT1
HS_COUNT0
HS_COUNT[7..0]
HS_COUNT[11..0] holds the last horizontal sync period number (i.e., the number of pixel clock cycles
between the last two HS occurrences). The device updates the value at each active edge of HS. Internal
arbitration logic avoids potential read errors between the register contents and the asynchronous I2C bus.
This value can be read by the microcontroller to derive the line frequency of the incoming video/graphics
format.
Default: (changed during operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com