Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 29 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 25Page - Texas Instruments THS8083APZP Datasheet HTML 26Page - Texas Instruments THS8083APZP Datasheet HTML 27Page - Texas Instruments THS8083APZP Datasheet HTML 28Page - Texas Instruments THS8083APZP Datasheet HTML 29Page - Texas Instruments THS8083APZP Datasheet HTML 30Page - Texas Instruments THS8083APZP Datasheet HTML 31Page - Texas Instruments THS8083APZP Datasheet HTML 32Page - Texas Instruments THS8083APZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
3−16
3.11.18 Register Name: HS_COUNT_1
Subaddress: 11 (R)
X
MSB
LSB
X
X
X
HS_COUNT10
HS_COUNT9
HS_COUNT8
HS_COUNT11
HS_COUNT[11..8]:
See register HS_COUNT_0
Default: (changed during operation)
3.11.19 Register Name: VS_COUNT_0
Subaddress: 12 (R)
VS_COUNT7
MSB
LSB
VS_COUNT6
VS_COUNT5
VS_COUNT4
VS_COUNT3
VS_COUNT2
VS_COUNT1
VS_COUNT0
VS_COUNT[7..0]:
VS_COUNT[11..0] holds the last vertical sync period number (i.e., the number of line periods between the
last two VS occurrences). The device updates the value at each active edge of VS. Internal arbitration logic
avoids potential read errors between the register contents and the asynchronous I2C bus. This value can be
read by the microcontroller to derive the frame rate of the incoming video/graphics format.
Default: (changed during operation)
3.11.20 Register Name: VS_COUNT_1
Subaddress: 13 (R)
X
MSB
LSB
X
X
X
VS_COUNT10
VS_COUNT9
VS_COUNT8
VS_COUNT11
VS_COUNT[11..8]
See register VS_COUNT0
Default: (changed during operation)
3.11.21 Register Name: DTO_INC_0
Subaddress: 14 (R)
DTO_INC7
MSB
LSB
DTO_INC6
DTO_INC5
DTO_INC4
DTO_INC3
DTO_INC2
DTO_INC1
DTO_INC0
DTO_INC[7..0]
DTO_INC[32..0] stores the current value of the DTO increment. This can be read by the microcontroller to
derive the actual pixel clock frequency.
Default: (changed during operation)
3.11.22 Register Name: DTO_INC_1
Subaddress: 15 (R)
DTO_INC15
MSB
LSB
DTO_INC14
DTO_INC13
DTO_INC12
DTO_INC11
DTO_INC10
DTO_INC9
DTO_INC8
DTO_INC[15..8]:
See register DTO_INC_0
Default: (changed during operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com