Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 45 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 45 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 41Page - Texas Instruments THS8083APZP Datasheet HTML 42Page - Texas Instruments THS8083APZP Datasheet HTML 43Page - Texas Instruments THS8083APZP Datasheet HTML 44Page - Texas Instruments THS8083APZP Datasheet HTML 45Page - Texas Instruments THS8083APZP Datasheet HTML 46Page - Texas Instruments THS8083APZP Datasheet HTML 47Page - Texas Instruments THS8083APZP Datasheet HTML 48Page - Texas Instruments THS8083APZP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
6−2
6.2
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(unless otherwise noted)
Supply voltage range:
Analog supplies (see Note 1) to AGND,
Digital supplies (see Note 2) to DGND
−0.5 to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog supplies to digital supplies, AGND to DGND
−0.5 to 0.5 V
. . . . . . . . . . . . . . .
Digital input voltage range to DGND, VI
−0.5 to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range to AGND, VI
−0.5 to AVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bandgap reference to AGND (see Note 3)
−0.5 to AVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage (VREFTO_CHx,VREFBO_CHx) input range to AGND, Vref
(see Note 4)
−0.5 to AVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: THS8083APZP
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. AVDD_PLL, AVDD_REF, AVDD_CH1, AVDD_CH2_3
2. DVDD_PLL, DVDD
3. Only input in case PWDN_BGAP=1
4. Only input in case PWDN_REF=1
6.3
Recommended Operating Conditions Over Operating Free-Air Temperature Range,
TA = 0°C to 70°C (unless otherwise noted)
6.3.1
Power Supply
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, all supplies
3.0
3.3
3.6
V
6.3.2
Analog and Reference Inputs (see Note 5)
PARAMETER
MIN
NOM
MAX
UNIT
Reference input voltage (top), VI(REFT)
1.88
1.9
1.92
V
Reference input voltage (bottom), VI(REFB)
1.08
1.10
1.12
V
Analog input voltage (dc-coupled), VI(AIN)
VI(REFB)
VI(REFT)
V
Analog input voltage range, VI
1.2
V
NOTE 5: VREFTO_CHx and VREFBO_CHx can be inputs only when PWDN_REF=1.
6.3.3
Digital Inputs
PARAMETER
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
2.0
DVDD
V
Low-level input voltage, VIL
DGND
0.2 x DVDD
V
Clock period, tc
12.5
ns
Pulse duration, clock high, tw(CLKH)
5.25
ns
Pulse duration, clock low, tw(CLKL)
5.25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com