Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 52 Page - Texas Instruments

Part # THS8083APZP
Description  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 52 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 48Page - Texas Instruments THS8083APZP Datasheet HTML 49Page - Texas Instruments THS8083APZP Datasheet HTML 50Page - Texas Instruments THS8083APZP Datasheet HTML 51Page - Texas Instruments THS8083APZP Datasheet HTML 52Page - Texas Instruments THS8083APZP Datasheet HTML 53Page - Texas Instruments THS8083APZP Datasheet HTML 54Page - Texas Instruments THS8083APZP Datasheet HTML 55Page - Texas Instruments THS8083APZP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
7−1
7 Application Information
7.1
Designing With PowerPAD
The THS8083A is housed in a high-performance, thermally enhanced, 100-pin PowerPAD package (TI package
designator: 100PZP). Use of the PowerPAD package does not require any special considerations except to note that
the PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor.
Therefore, if not implementing the PowerPAD PCB features, the use of solder masks (or other assembly techniques)
may be required to prevent any inadvertent shorting by the exposed PowerPAD of connection etches or vias under
the package. The recommended option, however, is not to run any etches or signal vias under the device, but to have
only a grounded thermal land as explained below. Although the actual size of the exposed die pad may vary, the
minimum size required for the keepout area of the 100-pin PZP PowerPAD package is 5 mm
× 5 mm.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper, underneath the PowerPAD
package. The thermal land varies in size, depending on the PowerPAD package being used, the PCB construction,
and the amount of heat that needs to be removed. In addition, the thermal land may or may not contain numerous
thermal vias, depending on PCB construction.
More information on this package and other requirements for using thermal lands and thermal vias are detailed in
the TI application note PowerPAD Thermally Enhanced Package Application Report, TI literature number SLMA002,
available via the TI Web pages beginning at URL: http://www.ti.com
For the THS8083A, this thermal land should be grounded to the low impedance ground plane of the device. This
improves thermal performance and the electrical grounding of the device. It is also recommended that the device
ground terminal landing pads be connected directly to the grounded thermal land. The land size should be as large
as possible without shorting device signal terminals. The thermal land may be soldered to the exposed PowerPAD
using standard reflow soldering techniques.
While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low impedance ground plane of the device.
Table 6-1 lists a comparison between the thermal resistances of the PowerPAD package (100PZP) used for this
device and a regular 100-pin TQFP package.
Table 7−1. Junction-Ambient and Junction-Case Thermal Resistances
100 PZP PowerPAD
 vs
AIRFLOW IN lfm
100 PZP PowerPAD
vs
100 PIN REGULAR TQFP
0
150
250
500
θJA (°C/W) 100 PZP
17.3
11.8
10.4
9.0
θJC (°C/W) 100 PZP
0.12
θJA (°C/W) 100 pin regular
49
θJC (°C/W) 100 pin regular
3
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com